Electronic Components Datasheet Search
  English  ▼

X  

AD9694 Datasheet(PDF) 46 Page - Analog Devices

Part # AD9694
Description  14-Bit, 500 MSPS JESD204B, Quad Analog-to-Digital Converter
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9694 Datasheet(HTML) 46 Page - Analog Devices

Back Button AD9694 Datasheet HTML 42Page - Analog Devices AD9694 Datasheet HTML 43Page - Analog Devices AD9694 Datasheet HTML 44Page - Analog Devices AD9694 Datasheet HTML 45Page - Analog Devices AD9694 Datasheet HTML 46Page - Analog Devices AD9694 Datasheet HTML 47Page - Analog Devices AD9694 Datasheet HTML 48Page - Analog Devices AD9694 Datasheet HTML 49Page - Analog Devices AD9694 Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 101 page
background image
AD9694
Data Sheet
Rev. 0 | Page 46 of 101
Chip
Application
Layer
Chip
Decimation
Ratio
DDC Input
Type
DDC
Output
Type
Bandwidth
Per DDC1
No. of
Virtual
Converters
Required
Register Settings2
Register 0x0334, Register 0x0335, Register 0x0336,
Register 0x0337, Register 0x0338, Register 0x033A,
Register 0x033D, Register 0x033E, Register 0x033F,
Register 0x0340, Register 0x0341, Register 0x0342 =
FTW and POW set as required by application for
DDC 1
Two DDCs
4
Complex
Complex
20% × fS
4
Register 0x0009 = 0x01, 0x02, or 0x03 (pair
selection)
Register 0x0200 = 0x02 (two DDCs; I/Q selected)
Register 0x0201 = 0x02 (chip decimate by 4)
Register 0x0310, Register 0x0330 = 0x80 (complex
mixer; 0 dB gain; variable IF; complex outputs;
HB2 + HB1 filters)
Register 0x0311, Register 0x0331 = 0x04 (DDC I
input = ADC Channel A/Channel C; DDC Q input =
ADC Channel B/Channel D)
Register 0x0314, Register 0x0315, Register 0x0316,
Register 0x0317, Register 0x0318, Register 0x031A,
Register 0x031D, Register 0x031E, Register 0x031F,
Register 0x0320, Register 0x0321, Register 0x0322 =
FTW and POW set as required by application for
DDC 0
Register 0x0334, Register 0x0335, Register 0x0336,
Register 0x0337, Register 0x0338, Register 0x033A,
Register 0x033D, Register 0x033E, Register 0x033F,
Register 0x0340, Register 0x0341, Register 0x0342 =
FTW and POW set as required by application for
DDC 1
Two DDCs
4
Complex
Real
10% × fS
2
Register 0x0009 = 0x01, 0x02, or 0x03 (pair
selection)
Register 0x0200 = 0x22 (two DDCs; I only
selected)
Register 0x0201 = 0x02 (chip decimate by 4)
Register 0x0310, Register 0x0330 = 0x89 (complex
mixer; 0 dB gain; variable IF; real output; HB3 +
HB2 + HB1 filters)
Register 0x0311, Register 0x0331 = 0x04 (DDC I
input = ADC Channel A/Channel C; DDC Q input =
ADC Channel B/Channel D)
Register 0x0314, Register 0x0315, Register 0x0316,
Register 0x0317, Register 0x0318, Register 0x031A,
Register 0x031D, Register 0x031E, Register 0x031F,
Register 0x0320, Register 0x0321, Register 0x0322 =
FTW and POW set as required by application for
DDC 0
Register 0x0334, Register 0x0335, Register 0x0336,
Register 0x0337, Register 0x0338, Register 0x033A,
Register 0x033D, Register 0x033E, Register 0x033F,
Register 0x0340, Register 0x0341, Register 0x0342 =
FTW and POW set as required by application for
DDC 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com