Electronic Components Datasheet Search
  English  ▼

X  

AD9694 Datasheet(PDF) 49 Page - Analog Devices

Part # AD9694
Description  14-Bit, 500 MSPS JESD204B, Quad Analog-to-Digital Converter
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9694 Datasheet(HTML) 49 Page - Analog Devices

Back Button AD9694 Datasheet HTML 45Page - Analog Devices AD9694 Datasheet HTML 46Page - Analog Devices AD9694 Datasheet HTML 47Page - Analog Devices AD9694 Datasheet HTML 48Page - Analog Devices AD9694 Datasheet HTML 49Page - Analog Devices AD9694 Datasheet HTML 50Page - Analog Devices AD9694 Datasheet HTML 51Page - Analog Devices AD9694 Datasheet HTML 52Page - Analog Devices AD9694 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 101 page
background image
Data Sheet
AD9694
Rev. 0 | Page 49 of 101
DIGITAL OUTPUTS
INTRODUCTION TO THE JESD204B INTERFACE
The AD9694 digital outputs are designed to the JEDEC
standard, JESD204B, serial interface for data converters.
JESD204B is a protocol to link the AD9694 to a digital
processing device over a serial interface with lane rates of up to
15 Gbps. The benefits of the JESD204B interface over LVDS
include a reduction in required board area for data interface
routing, and an ability to enable smaller packages for converter
and logic devices.
SETTING UP THE AD9694 DIGITAL INTERFACE
The following SPI writes are required for the AD9694 at startup
and each time the ADC is reset (datapath reset, soft reset, link
power-down/power-up, or hard reset):
1. Write 0x4F to Register 0x1228.
2. Write 0x0F to Register 0x1228.
3. Write 0x04 to Register 0x1222.
4. Write 0x00 to Register 0x1222.
5. Write 0x08 to Register 0x1262.
6. Write 0x00 to Register 0x1262.
The JESD204B data transmit blocks assemble the parallel data
from the ADC into frames and uses 8B/10B encoding as well as
optional scrambling to form serial output data. Lane synchron-
ization is supported through the use of special control characters
during the initial establishment of the link. Additional control
characters are embedded in the data stream to maintain synchroni-
zation thereafter. A JESD204B receiver is required to complete
the serial link. For additional details on the JESD204B interface,
refer to the JESD204B standard.
The JESD204B data transmit blocks in the AD9694 map up to
two physical ADCs or up to four virtual converters (when the
DDCs are enabled) over each of the two JESD204B links. Each
link can be configured to use one or two JESD204B lanes for up
to a total of four lanes for the AD9694 chip. The JESD204B
specification refers to a number of parameters to define the
link, and these parameters must match between the JESD204B
transmitter (the AD9694 output) and the JESD204B receiver
(the logic device input). The JESD204B outputs of the AD9694
function effectively as two individual JESD204B links. The two
JESD204B links can be synchronized if desired using the
SYSREF± input.
Each JESD204B link is described according to the following
parameters:
•
L = number of lanes per converter device (lanes per link)
(AD9694 value = 1 or 2)
•
M = number of converters per converter device (virtual
converters per link)
(AD9694 value = 1, 2, or 4)
•
F = octets per frame (AD9694 value = 1, 2, 4, or 8)
•
N΄ = number of bits per sample (JESD204B word size)
(AD9694 value = 8 or 16)
•
N = converter resolution
(AD9694 value = 7 to 16)
•
CS = number of control bits per sample
(AD9694 value = 0, 1, 2, or 3)
•
K = number of frames per multiframe
(AD9694 value = 4, 8, 12, 16, 20, 24, 28, or 32 )
•
S = samples transmitted per single converter per frame
cycle (AD9694 value = set automatically based on L, M, F,
and N΄)
•
HD = high density mode (AD9694 = set automatically based
on L, M, F, and N΄)
•
CF = number of control words per frame clock cycle per
converter device (AD9694 value = 0)
Figure 81 shows a simplified block diagram of the AD9694
JESD204B link. By default, the AD9694 is configured to use four
converters and four lanes. The Converter A and Converter B data
is output to SERDOUTAB0± and SERDOUTAB1±, and the
Converter C and Converter D data is output to SERDOUTCD0±
and SERDOUTCD1±. The AD9694 allows other configurations,
such as combining the outputs of each pair of converters into a
single lane, or changing the mapping of the digital output paths.
These modes are set up via a quick configuration register in the
SPI register map, along with additional customizable options.
By default in the AD9694, the 14-bit converter word from each
converter is broken into two octets (eight bits of data). Bit 13
(MSB) through Bit 6 are in the first octet. The second octet
contains Bit 5 through Bit 0 (LSB) and two tail bits. The tail bits
can be configured as zeros or a pseudorandom number
sequence. The tail bits can also be replaced with control bits
indicating overrange, SYSREF±, or fast detect output. Control
bits are filled and inserted MSB first such that enabling CS = 1
activates Control Bit 2, enabling CS = 2 activates Control Bit 2
and Control Bit 1, and enabling CS = 3 activates Control Bit 2,
Control Bit 1, and Control Bit 0.
The two resulting octets can be scrambled. Scrambling is
optional; however, it is recommended to avoid spectral peaks
when transmitting similar digital data patterns. The scrambler
uses a self synchronizing, polynomial-based algorithm defined
by the equation 1 + x14 + x15. The descrambler in the receiver is
a self-synchronizing version of the scrambler polynomial.
The two octets are then encoded with an 8B/10B encoder. The
8B/10B encoder works by taking eight bits of data (an octet)
and encoding them into a 10-bit symbol. Figure 82 shows how
the 14-bit data is taken from the ADC, the tail bits are added,
the two octets are scrambled, and how the octets are encoded
into two 10-bit symbols. Figure 82 shows the default data format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com