Electronic Components Datasheet Search
  English  ▼

X  

AD9694 Datasheet(PDF) 52 Page - Analog Devices

Part # AD9694
Description  14-Bit, 500 MSPS JESD204B, Quad Analog-to-Digital Converter
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9694 Datasheet(HTML) 52 Page - Analog Devices

Back Button AD9694 Datasheet HTML 48Page - Analog Devices AD9694 Datasheet HTML 49Page - Analog Devices AD9694 Datasheet HTML 50Page - Analog Devices AD9694 Datasheet HTML 51Page - Analog Devices AD9694 Datasheet HTML 52Page - Analog Devices AD9694 Datasheet HTML 53Page - Analog Devices AD9694 Datasheet HTML 54Page - Analog Devices AD9694 Datasheet HTML 55Page - Analog Devices AD9694 Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 101 page
background image
AD9694
Data Sheet
Rev. 0 | Page 52 of 101
User Data and Error Detection
After the initial lane alignment sequence is complete, the user
data is sent. Normally, within a frame, all characters are considered
user data. However, to monitor the frame clock and multiframe
clock synchronization, there is a mechanism for replacing
characters with /F/ or /A/ alignment characters when the data
meets certain conditions. These conditions are different for
unscrambled and scrambled data. The scrambling operation is
enabled by default, but it may be disabled using the SPI.
For scrambled data, any 0xFC character at the end of a frame is
replaced by an /F/, and any 0xFD character at the end of a
multiframe is replaced with an /A/. The JESD204B receiver (Rx)
checks for /F/ and /A/ characters in the received data stream
and verifies that they only occur in the expected locations. If an
unexpected /F/ or /A/ character is found, the receiver handles
the situation by using dynamic realignment or asserting the
SYNCINB±x signal for more than four frames to initiate a
resynchronization. For unscrambled data, if the final character
of two subsequent frames are equal, the second character is
replaced with an /F/ if it is at the end of a frame, and an /A/ if it
is at the end of a multiframe.
Insertion of alignment characters can be modified using the
SPI. The frame alignment character insertion (FACI) is enabled
by default. More information on the link controls is available in
the Memory Map section, Register 0x0571.
8B/10B Encoder
The 8B/10B encoder converts 8-bit octets into 10-bit symbols
and inserts control characters into the stream when needed.
The control characters used in JESD204B are shown in Table 25.
The 8B/10B encoding ensures that the signal is dc balanced by
using the same number of ones and zeros across multiple
symbols.
The 8B/10B interface has options that can be controlled via the
SPI. These operations include bypass and invert. These options
are intended to be troubleshooting tools for the verification of
the digital front end (DFE). Refer to the Memory Map section,
Register 0x0572, Bits[2:1] for information on configuring the
8B/10B encoder.
PHYSICAL LAYER (DRIVER) OUTPUTS
Digital Outputs, Timing, and Controls
The AD9694 physical layer consists of drivers that are defined
in the JEDEC Standard JESD204B, July 2011. The differential
digital outputs are powered up by default. The drivers use a
dynamic 100 Ω internal termination to reduce unwanted
reflections.
Place a 100 Ω differential termination resistor at each receiver
input to result in a nominal 300 mV p-p swing at the receiver
(see Figure 85). Alternatively, single-ended 50 Ω termination
can be used. When single-ended termination is used, the
termination voltage is DRVDD1/2. Otherwise, 0.1 μF
ac coupling capacitors can be used to terminate to any single-
ended voltage.
OR
SERDOUTx+
DRVDD
VRXCM
SERDOUTx–
OUTPUT SWING = 300mV p-p
0.1µF
100Ω
50Ω
50Ω
0.1µF
RECEIVER
VCM = VRXCM
100Ω
DIFFERENTIAL
TRACE PAIR
Figure 85. AC-Coupled Digital Output Termination Example
The AD9694 digital outputs can interface with custom ASICs
and FPGA receivers, providing superior switching performance
in noisy environments. Single point to point network topologies
are recommended with a single differential 100 Ω termination
resistor placed as close to the receiver inputs as possible. The
common mode of the digital output automatically biases itself
to half the DRVDD1 supply of 1.25 V (VCM = 0.6 V). See Figure
86 for dc coupling the outputs to the receiver logic.
SERDOUTx+
DRVDD
SERDOUTx–
OUTPUT SWING = 300mV p-p
100Ω
RECEIVER
VCM = DRVDD/2
100Ω
DIFFERENTIAL
TRACE PAIR
Figure 86. DC-Coupled Digital Output Termination Example
Table 25. AD9694 Control Characters used in JESD204B
Abbreviation
Control Symbol
8-Bit Value
10-Bit Value,
RD1 = −1
10-Bit Value,
RD1 = +1
Description
/R/
/K28.0/
000 11100
001111 0100
110000 1011
Start of multiframe
/A/
/K28.3/
011 11100
001111 0011
110000 1100
Lane alignment
/Q/
/K28.4/
100 11100
001111 0100
110000 1101
Start of link configuration data
/K/
/K28.5/
101 11100
001111 1010
110000 0101
Group synchronization
/F/
/K28.7/
111 11100
001111 1000
110000 0111
Frame alignment
1
RD means running disparity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com