Electronic Components Datasheet Search
  English  ▼

X  

AD9694 Datasheet(PDF) 64 Page - Analog Devices

Part # AD9694
Description  14-Bit, 500 MSPS JESD204B, Quad Analog-to-Digital Converter
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9694 Datasheet(HTML) 64 Page - Analog Devices

Back Button AD9694 Datasheet HTML 60Page - Analog Devices AD9694 Datasheet HTML 61Page - Analog Devices AD9694 Datasheet HTML 62Page - Analog Devices AD9694 Datasheet HTML 63Page - Analog Devices AD9694 Datasheet HTML 64Page - Analog Devices AD9694 Datasheet HTML 65Page - Analog Devices AD9694 Datasheet HTML 66Page - Analog Devices AD9694 Datasheet HTML 67Page - Analog Devices AD9694 Datasheet HTML 68Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 101 page
background image
AD9694
Data Sheet
Rev. 0 | Page 64 of 101
TEST MODES
ADC TEST MODES
The AD9694 has various test options that aid in the system level
implementation. The AD9694 has ADC test modes that are
available in Register 0x0550. These test modes are described in
Table 31. When an output test mode is enabled, the analog section
of the ADC is disconnected from the digital back-end blocks,
and the test pattern is run through the output formatting block.
Some of the test patterns are subject to output formatting, and
some are not. The PN generators from the PN sequence tests
can be reset by setting Bit 4 or Bit 5 of Register 0x0550. These
tests can be performed with or without an analog signal (if
present, the analog signal is ignored); however, they do require
an encode clock.
If the application mode is set to select a DDC mode of
operation, the test modes must be enabled for each DDC
enabled. The test patterns can be enabled via Bit 2 and Bit 0 of
Register 0x0327, Register 0x0347, and Register 0x0367,
depending on which DDC(s) are selected. The (I) data uses the
test patterns selected for Channel A, and the (Q) data uses the
test patterns selected for Channel B. For DDC3 only, the (I) data
uses the test patterns from Channel A, and the (Q) data does
not output test patterns. Bit 0 of Register 0x0387 selects the
Channel A test patterns to be used for the (I) data. For more
information, see the AN-877 Application Note, Interfacing to
High Speed ADCs via SPI.
Table 31. ADC Test Modes
Output Test Mode
Bit Sequence
Pattern Name
Expression
Default/
Seed Value
Sample (N, N + 1, N + 2, …)
0000
Off (default)
Not applicable
Not
applicable
Not applicable
0001
Midscale short
00 0000 0000 0000
Not
applicable
Not applicable
0010
Positive full-scale short
01 1111 1111 1111
Not
applicable
Not applicable
0011
Negative full-scale short
10 0000 0000 0000
Not
applicable
Not applicable
0100
Checkerboard
10 1010 1010 1010
Not
applicable
0x1555, 0x2AAA, 0x1555, 0x2AAA, 0x1555
0101
PN sequence long
x23 + x18 + 1
0x3AFF
0x3FD7, 0x0002, 0x26E0, 0x0A3D, 0x1CA6
0110
PN sequence short
x9 + x5 + 1
0x0092
0x125B, 0x3C9A, 0x2660, 0x0c65, 0x0697
0111
One-word/zero-word
toggle
11 1111 1111 1111
Not
applicable
0x0000, 0x3FFF, 0x0000, 0x3FFF, 0x0000
1000
User input
Register 0x0551 to
Register 0x0558
Not
applicable
User Pattern 1, Bits[15:2], User Pattern 2,
Bits[15:2], User Pattern 3, Bits[15:2], User Pattern 4,
Bits[15:2], User Pattern 1, Bits[15:2] … for repeat
mode
User Pattern 1, Bits[15:2], User Pattern 2,
Bits[15:2], User Pattern 3, Bits[15:2], User Pattern 4,
Bits[15:2], 0x0000 … for single mode
1111
Ramp output
(x) % 214
Not
applicable
(x) % 214, (x +1) % 214, (x +2) % 214, (x +3) % 214



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com