Electronic Components Datasheet Search
  English  ▼

X  

AD9694 Datasheet(PDF) 68 Page - Analog Devices

Part # AD9694
Description  14-Bit, 500 MSPS JESD204B, Quad Analog-to-Digital Converter
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9694 Datasheet(HTML) 68 Page - Analog Devices

Back Button AD9694 Datasheet HTML 64Page - Analog Devices AD9694 Datasheet HTML 65Page - Analog Devices AD9694 Datasheet HTML 66Page - Analog Devices AD9694 Datasheet HTML 67Page - Analog Devices AD9694 Datasheet HTML 68Page - Analog Devices AD9694 Datasheet HTML 69Page - Analog Devices AD9694 Datasheet HTML 70Page - Analog Devices AD9694 Datasheet HTML 71Page - Analog Devices AD9694 Datasheet HTML 72Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 101 page
background image
AD9694
Data Sheet
Rev. 0 | Page 68 of 101
MEMORY MAP
READING THE MEMORY MAP REGISTER TABLE
Each row in the memory map register table has eight bit locations.
The memory map is divided into four sections: the Analog Devices
SPI registers (Register 0x0000 to Register 0x000D and Register
0x18A6 to Register 0x1A4C), the ADC function registers
(Register 0x003F to Register 0x027A), the DDC function registers
(Register 0x0300 to Register 0x0347), and the digital outputs
and test modes registers (Register 0x0550 to Register 0x05C0).
Table 38 (see the Memory Map section) documents the default
hexadecimal value for each hexadecimal address shown. The
column with the heading Bit 7 (MSB) is the start of the default
hexadecimal value given. For example, Address 0x0561, the
output mode register, has a hexadecimal default value of 0x01.
This default value means that Bit 0 = 1, and the remaining bits
are 0s. This setting is the default output format value, which is
twos complement. For more information on this function and
others, see the Table 38.
Unassigned and Reserved Locations
All address and bit locations that are not included in Table 38
are not currently supported for this device. Write unused bits of
a valid address location with 0s unless the default value is set
otherwise. Writing to these locations is required only when part
of an address location is unassigned (for example, Address 0x0561).
If the entire address location is open (for example, Address 0x0013),
do not write to this address location.
Default Values
After the AD9694 is reset, critical registers are loaded with
default values. The default values for the registers are given in
the memory map register table, Table 38.
Logic Levels
An explanation of logic level terminology follows:
•
“Bit is set” is synonymous with “bit is set to Logic 1” or
“writing Logic 1 for the bit.”
•
“Clear a bit” is synonymous with “bit is set to Logic 0” or
“writing Logic 0 for the bit.”
•
X denotes a don’t care bit.
ADC Pair Addressing
The AD9694 functionally operates as two pairs of dual IF
receiver channels. There are two ADCs and two DDCs in each
pair making for a total of four of each for the AD9694 device.
To access the SPI registers for each pair, the pair index must be
written in Register 0x0009. The pair index register must be
written prior to any other SPI write to the AD9694.
Channel Specific Registers
Some channel setup functions, such as the fast detect control
(Register 0x0247), can be programmed to a different value for
each channel. In these cases, channel address locations are
internally duplicated for each channel. These registers and bits
are designated in Table 38 as local. These local registers and bits
can be accessed by setting the appropriate Channel A/Channel C
or Channel B/Channel D bits in Register 0x0008. The particular
channel that is addressed is dependent upon the pair selection
written to Register 0x0009. If both bits are set, the subsequent
write affects the registers of both channels. In a read cycle, set
only Channel A/Channel C or Channel B/ Channel D to read
one of the two registers. If both bits are set during an SPI read
cycle, the device returns the value for Channel A. If both pairs
and both channels are selected via Register 0x0009 and Register
0x0008, the device returns the value for Channel A.
The names of the registers listed in Table 38 and Table 39 are
prefixed with either global map, channel map, JESD204B map,
or pair map. Registers in the pair map and JESD204B map are
apply to a pair of channels, either Pair A/B or Pair C/D. To write
registers in the pair map and JESD204B map, the pair index register
(Register 0x0009) must be written to address the appropriate pair.
The SPI Configuration A (Register 0x0000), SPI Configuration B
(Register 0x0001), and pair index (Register 0x0009) registers are
the only registers that reside in the global map. Registers in the
channel map are local to each channel, either Channel A,
Channel B, Channel C, or Channel D. To write registers in the
channel map, the pair index register (Register 0x0009) must be
written first to address the desired pair (Pair A/B or Pair C/D)
followed by writing the channel index register (Register 0x0008)
to select the desired channel (Channel A/ Channel C or
Channel B/Channel D).
For example, to write Channel A to test mode (set by Register
0x0550), first write 0x01 to Register 0x0009 to select Pair A/B,
followed by writing 0x01 to Register 0x0008 to select Channel A.
Then, write Register 0x0550 to the value for the desired test mode.
To write all channels to a test mode (set by Register 0x0550),
first write Register 0x0009 to a value of 0x03 to select both Pair
A/B and Pair C/D, followed by writing Register 0x0008 to a value
of 0x03 to select Channel A, Channel B, Channel C, and Channel
D. Next, write Register 0x0550 to the value for the desired test
mode.
SPI Soft Reset
After issuing a soft reset by programming 0x81 to
Register 0x0000, the AD9694 requires 5 ms to recover. When
programming the AD9694 for application setup, ensure that an
adequate delay is programmed into the firmware after asserting
the soft reset and before starting the device setup.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com