Electronic Components Datasheet Search
  English  ▼

X  

AD9694 Datasheet(PDF) 95 Page - Analog Devices

Part # AD9694
Description  14-Bit, 500 MSPS JESD204B, Quad Analog-to-Digital Converter
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9694 Datasheet(HTML) 95 Page - Analog Devices

Back Button AD9694 Datasheet HTML 91Page - Analog Devices AD9694 Datasheet HTML 92Page - Analog Devices AD9694 Datasheet HTML 93Page - Analog Devices AD9694 Datasheet HTML 94Page - Analog Devices AD9694 Datasheet HTML 95Page - Analog Devices AD9694 Datasheet HTML 96Page - Analog Devices AD9694 Datasheet HTML 97Page - Analog Devices AD9694 Datasheet HTML 98Page - Analog Devices AD9694 Datasheet HTML 99Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 101 page
background image
Data Sheet
AD9694
Rev. 0 | Page 95 of 101
Addr
Name
Bits
Bit Name
Settings Description
Reset Access
[4:0]
JESD204B lanes (L)
0x1
R
0x0
One lane per link (L = 1).
0x1
Two lanes per link (L = 2).
0x058C
JESD204B
map JTX F
configuration
[7:0]
Number of octets per
frame (F)
Number of octets per frame, F = Register 0x058C,
Bits[7:0] + 1.
0x1
R
0x058D
JESD204B
map JTX K
configuration
[7:5]
Reserved
Reserved.
0x0
R
[4:0]
Number of frames per
multiframe (K)
JESD204x number of frames per multiframe
(K = Register 0x058D, Bits[4:0] + 1). Only values
where F × K, which are divisible by 4, can be
used.
0x1F
R/W
00011
K = 4.
00111
K = 8.
01100
K = 12.
01111
K = 16.
10011
K = 20.
10111
K = 24.
11011
K = 28.
11111
K = 32.
0x058E
JESD204B
map JTX M
configuration
[7:0]
Number of converters
per link
0x1
R
00000000 Link connected to one virtual converter (M = 1).
00000001 Link connected to two virtual converters (M = 2).
00000011 Link connected to four virtual converters (M = 4).
0x058F
JESD204B
map JTX CS N
configuration
[7:6]
Number of control bits
(CS) per sample
0x0
R/W
0
No control bits (CS = 0).
1
One control bit (CS = 1), Control Bit 2 only.
10
Two control bits (CS = 2), Control Bit 2 and
Control Bit 1 only.
11
Three control bits (CS = 3), all control bits
(Control Bit 2, Control Bit 1, and Control Bit 0).
5
Reserved
Reserved.
0x0
R
[4:0]
ADC converter
resolution (N)
0xF
R/W
00110
N = 7-bit resolution.
00111
N = 8-bit resolution.
01000
N = 9-bit resolution.
01001
N = 10-bit resolution.
01010
N = 11-bit resolution.
01011
N = 12-bit resolution.
01100
N = 13-bit resolution.
01101
N = 14-bit resolution.
01110
N = 15-bit resolution.
01111
N = 16-bit resolution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com