Electronic Components Datasheet Search
  English  ▼

X  

AD9694 Datasheet(PDF) 72 Page - Analog Devices

Part # AD9694
Description  14-Bit, 500 MSPS JESD204B, Quad Analog-to-Digital Converter
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9694 Datasheet(HTML) 72 Page - Analog Devices

Back Button AD9694 Datasheet HTML 68Page - Analog Devices AD9694 Datasheet HTML 69Page - Analog Devices AD9694 Datasheet HTML 70Page - Analog Devices AD9694 Datasheet HTML 71Page - Analog Devices AD9694 Datasheet HTML 72Page - Analog Devices AD9694 Datasheet HTML 73Page - Analog Devices AD9694 Datasheet HTML 74Page - Analog Devices AD9694 Datasheet HTML 75Page - Analog Devices AD9694 Datasheet HTML 76Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 101 page
background image
AD9694
Data Sheet
Rev. 0 | Page 72 of 101
Reg.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
RW
0x0331
Pair Map DDC 1
input select
Reserved
DDC 1 Q
input select
Reserved
DDC 1 I
input
select
0x05
R/W
0x0334
Pair Map DDC 1
Phase
Increment 0
DDC 1 NCO frequency value, twos complement, Bits[7:0]
0x00
R/W
0x0335
Pair Map DDC 1
Phase
Increment 1
DDC 1 NCO frequency value, twos complement, Bits[15:8]
0x00
R/W
0x0336
Pair Map DDC 1
Phase
Increment 2
DDC 1 NCO frequency value, twos complement[, Bits 23:16]
0x00
R/W
0x0337
Pair Map DDC 1
Phase
Increment 3
DDC 1 NCO frequency value, twos complement, Bits[31:24]
0x00
R/W
0x0338
Pair Map DDC 1
Phase
Increment 4
DDC 1 NCO frequency value, twos complement, Bits[39:32]
0x00
R/W
0x033A
Pair Map DDC 1
Phase
Increment 5
DDC 1 NCO frequency value, twos complement, Bits[47:40]
0x00
R/W
0x033D
Pair Map DDC 1
Phase Offset 0
DDC 1 NCO phase value, twos complement, Bits[7:0]
0x00
R/W
0x033E
Pair Map DDC 1
Phase Offset 1
DDC 1 NCO phase value, twos complement, Bits[15:8]
0x00
R/W
0x033F
Pair Map DDC 1
Phase Offset 2
DDC 1 NCO phase value, twos complement, Bits[23:16]
0x00
R/W
0x0340
Pair Map DDC 1
Phase Offset 3
DDC 1 NCO phase value, twos complement, Bits[31:24]
0x00
R/W
0x0341
Pair Map DDC 1
Phase Offset 4
DDC 1 NCO phase value, twos complement, Bits[39:32]
0x00
R/W
0x0342
Pair Map DDC 1
Phase Offset 5
DDC 1 NCO phase value, twos complement, Bits[47:40]
0x00
R/W
0x0347
Pair Map DDC 1
test enable
Reserved
DDC 1 Q
output test
mode
enable
Reserved
DDC 1 I
output test
mode
enable
0x00
R/W
0x0550
Channel map
test mode
control
User pattern
selection
Reserved
Reset PN
long gen
Reset PN
short gen
Test mode selection
0x00
R/W
0x0551
Pair map User
Pattern 1 LSB
User Pattern 1, Bits[7:0]
0x00
R/W
0x0552
Pair map User
Pattern 1 MSB
User Pattern 1, Bits[15:8]
0x00
R/W
0x0553
Pair map User
Pattern 2 LSB
User Pattern 2, Bits[7:0]
0x00
R/W
0x0554
Pair map User
Pattern 2 MSB
User Pattern 2, Bits[15:8]
0x00
R/W
0x0555
Pair map User
Pattern 3 LSB
User Pattern 3, Bits[7:0]
0x00
R/W
0x0556
Pair map User
Pattern 3 MSB
User Pattern 3, Bits[15:8]
0x00
R/W
0x0557
Pair map User
Pattern 4 LSB
User Pattern 4, Bits[7:0]
0x00
R/W
0x0558
Pair map User
Pattern 4 MSB
User Pattern 4, Bits[15:8]
0x00
R/W
0x0559
Pair map
Output Control
Mode 0
Reserved
Converter Control Bit 1 selection
Reserved
Converter Control Bit 0 selection
0x00
R/W
0x055A
Pair map
Output Control
Mode 1
Reserved
Converter Control Bit 2 selection
0x01
R/W
0x0561
Pair map
output sample
mode
Reserved
Sample
invert
Data format select
0x01
R/W
0x0564
Pair map
output channel
select
Reserved
Reserved
Converter
channel
swap
control
0x00
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com