Electronic Components Datasheet Search
  English  ▼

X  

AD9694 Datasheet(PDF) 97 Page - Analog Devices

Part # AD9694
Description  14-Bit, 500 MSPS JESD204B, Quad Analog-to-Digital Converter
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9694 Datasheet(HTML) 97 Page - Analog Devices

Back Button AD9694 Datasheet HTML 93Page - Analog Devices AD9694 Datasheet HTML 94Page - Analog Devices AD9694 Datasheet HTML 95Page - Analog Devices AD9694 Datasheet HTML 96Page - Analog Devices AD9694 Datasheet HTML 97Page - Analog Devices AD9694 Datasheet HTML 98Page - Analog Devices AD9694 Datasheet HTML 99Page - Analog Devices AD9694 Datasheet HTML 100Page - Analog Devices AD9694 Datasheet HTML 101Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 97 / 101 page
background image
Data Sheet
AD9694
Rev. 0 | Page 97 of 101
Addr
Name
Bits
Bit Name
Settings Description
Reset Access
0x05B3
JESD204B
map JTX lane
Assignment 2
7
Reserved
Reserved.
0x0
R
[6:4]
Reserved
Reserved.
0x1
R/W
3
Reserved
Reserved.
0x0
R
[2:0]
SERDOUTx1± lane
assignment
0x1
R/W
0
Logical Lane 0.
1
Logical Lane 1 (default).
10
Logical Lane 2.
11
Logical Lane 3.
0x05C0
JESD204B
map
JESD204B
serializer
drive adjust
7
Reserved
Reserved.
0x0
R
[6:4]
Swing voltage
SERDOUTx1±
0
1.0 × DRVDD1 (differential).
0x1
R/W
1
0.850 × DRVDD1 (differential).
3
Reserved
Reserved.
0x0
R
[2:0]
Swing voltage
SERDOUTx0±
0
1.0 × DRVDD1 (differential).
0x1
R/W
1
0.850 × DRVDD1 (differential).
0x05C4
JESD204B
serializer
preemphasis
selection
register for
Logical
Lane 0
7
Post tap polarity
0
Normal.
0x0
R/W
1
Inverted.
[6:4]
Sets post tab level
0
0 dB
0x0
R/W
1
3 dB.
10
6 dB.
11
9 dB.
100
12 dB.
101
Not valid.
110
Not valid.
111
Not valid.
3
Pre tab polarty
0
Normal.
0x0
R/W
1
Inverted.
[2:0]
Sets pre tab level
0
0 dB.
0x0
R/W
1
3 dB.
10
6 dB.
11
9 dB.
100
12 dB.
101
Not valid.
110
Not valid.
111
Not valid.
0x05C6
JESD204B
serializer
preemphasis
selection
register for
Logical
Lane 1
7
Post tap polarity
0
Normal
0x0
R/W
1
Inverted
[6:4]
Sets post tab level
0x0
R/W
0
0 dB.
1
3 dB.
10
6 dB.
11
9 dB.
100
12 dB.
101
Not valid.
110
Not valid.
111
Not valid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com