Electronic Components Datasheet Search
  English  ▼

X  

AD9694 Datasheet(PDF) 82 Page - Analog Devices

Part # AD9694
Description  14-Bit, 500 MSPS JESD204B, Quad Analog-to-Digital Converter
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9694 Datasheet(HTML) 82 Page - Analog Devices

Back Button AD9694 Datasheet HTML 78Page - Analog Devices AD9694 Datasheet HTML 79Page - Analog Devices AD9694 Datasheet HTML 80Page - Analog Devices AD9694 Datasheet HTML 81Page - Analog Devices AD9694 Datasheet HTML 82Page - Analog Devices AD9694 Datasheet HTML 83Page - Analog Devices AD9694 Datasheet HTML 84Page - Analog Devices AD9694 Datasheet HTML 85Page - Analog Devices AD9694 Datasheet HTML 86Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 101 page
background image
AD9694
Data Sheet
Rev. 0 | Page 82 of 101
Addr
Name
Bits
Bit Name
Settings Description
Reset Access
0x0201
Pair map chip
decimation
ratio
[7:3]
Reserved
Reserved.
0x0
R
[2:0]
Chip decimation ratio
select
Chip decimation ratio.
0x0
R/W
000
Decimate by 1 (full sample rate).
001
Decimate by 2.
010
Decimate by 4.
011
Decimate by 8.
100
Decimate by 16.
0x0228
Channel map
custom offset
[7:0]
Offset adjust in LSBs
from +127 to −128
Digital data path offset. Twos complement
offset adjustment aligned with least significant
converter resolution bit
0x0
R/W
0x0245
Channel map
fast detect
control
[7:4]
Reserved
Reserved.
0x0
R
3
Force
FD_A/FD_B/FD_C/FD_D
pins
0x0
R/W
0
Normal operation of fast detect pin.
1
Force a value on fast detect pin (see Bit 2)
2
Force value of
FD_A/FD_B/FD_C/FD_D
pins if force pins is true,
this value is output on
FD_x pins
The fast detect output pin for this channel is
set to this value when the output is forced.
0x0
R/W
1
Reserved
Reserved.
0x0
R
0
Enable fast detect
output
0x0
R/W
0
Fine fast detect disabled.
1
Fine fast detect enabled.
0x0247
Channel map
fast detect
upper
threshold LSB
[7:0]
Fast detect upper
threshold, Bits[7:0]
LSBs of fast detect upper threshold. 8 LSBS of
the programmable 13-bit upper threshold that
is compared to the fine ADC magnitude.
0x0
R/W
0x0248
Channel map
fast detect
upper
threshold
MSB
[7:5]
Reserved
Reserved.
0x0
R
[4:0]
Fast detect upper
threshold, Bits[12:8]
LSBs of fast detect upper threshold. 8 LSBS of
the programmable 13-bit upper threshold that
is compared to the fine ADC magnitude.
0x0
R/W
0x0249
Channel map
fast detect
lower
threshold LSB
[7:0]
Fast detect lower
threshold, Bits[7:0]
LSBs of fast detect lower threshold. 8 LSBS of
the programmable 13-bit lower threshold that
is compared to the fine ADC magnitude.
0x0
R/W
0x024A
Channel map
fast detect
lower
threshold
MSB
[7:5]
Reserved
Reserved.
0x0
R
[4:0]
Fast detect lower
threshold, Bits[12:8]
LSBs of fast detect lower threshold.
8 LSBS of the programmable 13-bit lower
threshold that is compared to the fine ADC
magnitude.
0x0
R/W
0x024B
Channel map
fast detect
dwell time
LSB
[7:0]
Fast detect dwell time,
Bits[7:0]
LSBs of fast detect dwell time counter target.
This is a load value for a 16-bit counter that
determines how long the ADC data must
remain below the lower threshold before the
FDDx pins are reset to 0.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com