Electronic Components Datasheet Search
  English  ▼

X  

AD9694 Datasheet(PDF) 23 Page - Analog Devices

Part # AD9694
Description  14-Bit, 500 MSPS JESD204B, Quad Analog-to-Digital Converter
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9694 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9694 Datasheet HTML 19Page - Analog Devices AD9694 Datasheet HTML 20Page - Analog Devices AD9694 Datasheet HTML 21Page - Analog Devices AD9694 Datasheet HTML 22Page - Analog Devices AD9694 Datasheet HTML 23Page - Analog Devices AD9694 Datasheet HTML 24Page - Analog Devices AD9694 Datasheet HTML 25Page - Analog Devices AD9694 Datasheet HTML 26Page - Analog Devices AD9694 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 101 page
background image
Data Sheet
AD9694
Rev. 0 | Page 23 of 101
THEORY OF OPERATION
ADC ARCHITECTURE
The architecture of the AD9694 consists of an input buffered
pipelined ADC. The input buffer is designed to provide a 200 Ω
termination impedance to the analog input signal. The
equivalent circuit diagram of the analog input termination is
shown in Figure 44.
The input buffer provides a linear high input impedance (for
ease of drive) and reduces kickback from the ADC. The buffer
is optimized for high linearity, low noise, and low power. The
quantized outputs from each stage are combined into a final
14-bit result in the digital correction logic. The pipelined
architecture permits the first stage to operate with a new input
sample while at the same time, the remaining stages operate
with the preceding samples. Sampling occurs on the rising edge
of the clock.
ANALOG INPUT CONSIDERATIONS
The analog input to the AD9694 is a differential buffer with an
internal common-mode voltage of 1.35 V. The clock signal
alternately switches the input circuit between sample mode and
hold mode. Either a differential capacitor or two single-ended
capacitors can be placed on the inputs to provide a matching
passive network. This configuration ultimately creates a low-pass
filter at the input, which limits unwanted broadband noise. See
Figure 74 and Figure 75 for details on input network
recommendations.
For best dynamic performance, the source impedances driving
VIN+x and VIN−x must be matched such that common-mode
settling errors are symmetrical. These errors are reduced by the
common-mode rejection of the ADC. An internal reference
buffer creates a differential reference that defines the span of the
ADC core.
Maximum SNR performance is achieved by setting the ADC to
the largest span in a differential configuration. In the case of the
AD9694, the available span is programmable through the SPI
port from 1.44 V p-p to 2.16 V p-p differential, with 1.80 V p-p
differential being the default.
Dither
The AD9694 has internal on-chip dither circuitry that improves
the ADC linearity and SFDR particularly at smaller signal
levels. A known but random amount of white noise is injected
into the input of the AD9694. This dither improves the small
signal linearity within the ADC transfer function and is precisely
subtracted out digitally. The dither is turned on by default and
does not reduce the ADC input dynamic range. The data sheet
specifications and limits are obtained with the dither turned on.
The dither can be disabled using SPI writes to Register 0x0922.
Disabling the dither can slightly improve the SNR (by about 0.2 dB)
at the expense of the small signal SFDR.
Differential Input Configurations
There are several ways to drive the AD9694, either actively or
passively. However, optimum performance is achieved by
driving the analog input differentially.
For applications where SNR and SFDR are key parameters,
differential transformer coupling is the recommended input
configuration (see Figure 55 and Figure 56) because the noise
performance of most amplifiers is not adequate to achieve the
true performance of the AD9694.
For low to midrange frequencies, a double balun or double
transformer network (see Figure 55) is recommended for
optimum performance of the AD9694. For higher frequencies
in the second or third Nyquist zones, it is better to remove some
of the front-end passive components to ensure wideband
operation (see Figure 56).
10Ω
0.1µF
VIN+x
VIN–x
0.1µF
0.1µF
BALUN
50Ω
AGND
AGND
AGND
10Ω
50Ω
10Ω
10Ω
0Ω
2pF
2pF
2pF
10Ω
10Ω
0Ω
Figure 55. Differential Transformer Coupled Configuration for First and
Second Nyquist Frequencies
10Ω
0.1µF
VIN+x
VIN–x
0.1µF
0.1µF
50Ω
AGND
AGND
AGND
DNI
50Ω
DNI
10Ω
0Ω
DNI
DNI
DNI
10Ω
10Ω
0Ω
BALUN
Figure 56. Differential Transformer Coupled Configuration for Third and
Fourth Nyquist Zones



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com