Electronic Components Datasheet Search
  English  ▼

X  

AD9694 Datasheet(PDF) 98 Page - Analog Devices

Part # AD9694
Description  14-Bit, 500 MSPS JESD204B, Quad Analog-to-Digital Converter
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9694 Datasheet(HTML) 98 Page - Analog Devices

Back Button AD9694 Datasheet HTML 93Page - Analog Devices AD9694 Datasheet HTML 94Page - Analog Devices AD9694 Datasheet HTML 95Page - Analog Devices AD9694 Datasheet HTML 96Page - Analog Devices AD9694 Datasheet HTML 97Page - Analog Devices AD9694 Datasheet HTML 98Page - Analog Devices AD9694 Datasheet HTML 99Page - Analog Devices AD9694 Datasheet HTML 100Page - Analog Devices AD9694 Datasheet HTML 101Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 98 / 101 page
background image
AD9694
Data Sheet
Rev. 0 | Page 98 of 101
Addr
Name
Bits
Bit Name
Settings Description
Reset Access
3
Pre tab polarty
0
Normal.
0x0
R/W
1
Inverted.
[2:0]
Sets pre tab level
0x0
R/W
0
0 dB.
1
3 dB.
10
6 dB.
11
9 dB.
100
12 dB.
101
Not valid.
110
Not valid.
111
Not valid.
0x0701
DC offset
calibration
control
[7:0]
DC offset calibration
control
0x06
Disable dc offset calibration.
0x06
R/W
0x86
Enable dc offset calibration.
0x18A6
Pair map VREF
control
[7:5]
Reserved
Reserved.
0x0
R
4
Reserved
Reserved.
0x0
R/W
[3:1]
Reserved
Reserved.
0x0
R
0
VREF control
0
Internal reference.
0x0
R/W
1
External reference.
0x1908
Channel map
analog input
control
[7:6]
Reserved
Reserved.
0x0
R
[5:4]
Reserved
Reserved.
0x0
R/W
3
Reserved
Reserved.
0x0
R
2
Analog input dc
coupling control
Analog input dc coupling control.
0x0
R/W
0
AC coupling.
1
DC coupling.
1
Reserved
Reserved.
0x0
R
0
Reserved
Reserved.
0x0
R/W
0x1910
Channel map
input full-
scale range
[7:4]
Reserved
Reserved.
0x0
R
[3:0]
Input full-scale control
0000
2.16 V p-p.
0xD
R/W
1010
1.44 V p-p.
1011
1.56 V p-p.
1100
1.68 V p-p.
1101
1.80 V p-p.
1110
1.92 V p-p.
1111
2.04 V p-p.
Reserved.
0x1A4C
Channel
map Buffer
Control 1
[7:6]
Reserved
Reserved.
0x0
R
[5:0]
Buffer Control 1
00110
120 µA.
0xC
R/W
01000
160 µA.
01010
200 µA.
01100
240 µA.
01110
280 µA.
10000
320 µA.
10010
360 µA.
10100
400 µA.
10110
440 µA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com