Electronic Components Datasheet Search
  English  ▼

X  

AD9694 Datasheet(PDF) 76 Page - Analog Devices

Part # AD9694
Description  14-Bit, 500 MSPS JESD204B, Quad Analog-to-Digital Converter
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9694 Datasheet(HTML) 76 Page - Analog Devices

Back Button AD9694 Datasheet HTML 72Page - Analog Devices AD9694 Datasheet HTML 73Page - Analog Devices AD9694 Datasheet HTML 74Page - Analog Devices AD9694 Datasheet HTML 75Page - Analog Devices AD9694 Datasheet HTML 76Page - Analog Devices AD9694 Datasheet HTML 77Page - Analog Devices AD9694 Datasheet HTML 78Page - Analog Devices AD9694 Datasheet HTML 79Page - Analog Devices AD9694 Datasheet HTML 80Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 101 page
background image
AD9694
Data Sheet
Rev. 0 | Page 76 of 101
Addr
Name
Bits
Bit Name
Settings Description
Reset Access
0x0002
Channel map
chip config-
uration
[7:2]
Reserved
Reserved.
0x0
R
[1:0]
Channel power modes
Channel power modes.
0x0
R/W
00
Normal mode (power up) .
10
Standby mode. The digital data path clocks are
disabled, the JESD204B interface is enabled,
and the outputs are enabled.
11
Power-down mode. The digital data path
clocks are disabled, the digital data path is
held in reset, the JESD204B interface is
disabled, and the outputs are disabled.
0x0003
Pair map chip
type
[7:0]
CHIP_TYPE
Chip type.
0x3
R
0x3
High speed ADC.
0x0004
Pair map chip
ID LSB
[7:0]
CHIP_ID
Chip ID.
0xDB
R
0x0006
Pair map chip
grade
[7:4]
CHIP_SPEED_GRADE
Chip speed grade.
0x0
R
0101
500 MHz.
[3:0]
Reserved
Reserved.
0x0
R
0x0008
Pair map
device index
[7:2]
Reserved
Reserved.
0x0
R
1
Channel B/D
0x1
R/W
0
ADC Core B/D does not receive the next SPI
command.
1
ADC Core B/D receives the next SPI command.
0
Channel A/C
0x1
R/W
0
ADC Core A/C does not receive the next SPI
command.
1
ADC Core A/C receives the next SPI command.
0x0009
Global map
pair index
[7:2]
Reserved
Reserved.
0x0
R
1
Pair C/D
0x1
R/W
0
ADC Pair C/D does not receive the next
read/write command from the SPI interface.
1
ADC Pair C/D does not receive the next
read/write command from the SPI interface.
0
Pair A/B
0x1
R/W
0
ADC Pair A/B does not receive the next
read/write command from the SPI interface.
1
ADC Pair A/B does receive the next read/write
command from the SPI interface.
0x000A
Pair map
scratch pad
[7:0]
Scratch pad
Chip scratch pad register. Used to provide a
consistent memory location for software
debug.
0x7
R/W
0x000B
Pair map SPI
revision
[7:0]
SPI_REVISION
SPI revision register.
0x01 = Revision 1.0
0x1
R
00000001 Revision 1.0.
0x000C
Pair map
vendor ID LSB
[7:0]
CHIP_VENDOR_ID[7:0]
Vendor ID.
0x56
R
0x000D
Pair map
vendor ID
MSB
[7:0]
CHIP_VENDOR_ID[15:8]
Vendor ID.
0x4
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com