Electronic Components Datasheet Search
  English  ▼

X  

AD9694 Datasheet(PDF) 69 Page - Analog Devices

Part # AD9694
Description  14-Bit, 500 MSPS JESD204B, Quad Analog-to-Digital Converter
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9694 Datasheet(HTML) 69 Page - Analog Devices

Back Button AD9694 Datasheet HTML 65Page - Analog Devices AD9694 Datasheet HTML 66Page - Analog Devices AD9694 Datasheet HTML 67Page - Analog Devices AD9694 Datasheet HTML 68Page - Analog Devices AD9694 Datasheet HTML 69Page - Analog Devices AD9694 Datasheet HTML 70Page - Analog Devices AD9694 Datasheet HTML 71Page - Analog Devices AD9694 Datasheet HTML 72Page - Analog Devices AD9694 Datasheet HTML 73Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 101 page
background image
Data Sheet
AD9694
Rev. 0 | Page 69 of 101
MEMORY MAP
REGISTER TABLE SUMMARY
All address locations that are not included in Table 38 are not currently supported for this device and must not be written.
Table 38. Memory Map Summary
Reg.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
RW
0x0000
Global Map SPI
Configuration
A
Soft reset
(self
clearing)
LSB first
mirror
Address
ascension
mirror
Reserved
Reserved
Address
ascension
LSB first
Soft reset
(self
clearing)
0x00
R/W
0x0001
Global Map SPI
Configuration B
Single
instruction
Reserved
Datapath
soft reset
(self
clearing)
Reserved
0x00
R/W
0x0002
Channel map
chip config-
uration
Reserved
Channel power modes
0x00
R/W
0x0003
Pair map chip
type
CHIP_TYPE
0x03
R
0x0004
Pair map chip
ID LSB
CHIP_ID
0xDB
R
0x0006
Pair map chip
grade
CHIP_SPEED_GRADE
Reserved
0x00
R
0x0008
Pair map
device index
Reserved
Channel
B/D
Channel A/
C
0x03
R/W
0x0009
Global map
pair index
Reserved
Pair C/D
Pair A/B
0x03
R/W
0x000A
Pair map
scratch pad
Scratch pad
0x07
R/W
0x000B
Pair map SPI
revision
SPI_REVISION
0x01
R
0x000C
Pair map
vendor ID LSB
CHIP_VENDOR_ID[7:0]
0x56
R
0x000D
Pair map
vendor ID MSB
CHIP_VENDOR_ID[15:8]
0x04
R
0x003F
Channel map
chip power-
down pin
PDWN/STBY
disable
Reserved
0x00
R/W
0x0040
Pair Map Chip
Pin Control 1
PDWN/STBY function
Fast Detect B/D (FD_B/FD_D)
Fast Detect A/C (FD_A/FD_C)
0x3F
R/W
0x0108
Pair map clock
divider control
Reserved
Clock divider
0x01
R/W
0x0109
Channel map
clock divider
phase
Reserved
Clock divider phase offset
0x00
R/W
0x010A
Pair map clock
divider SYSREF
control
Clock
divider
autophase
adjust
Reserved
Clock divider negative skew
window
Clock divider positive skew
window
0x00
R/W
0x0110
Pair map clock
delay control
Reserved
Clock delay mode select
0x00
R/W
0x0111
Channel map
clock super fine
delay
Clock super fine delay adjust
0x00
R/W
0x0112
Channel map
clock fine delay
Clock fine delay adjust
0xC0
R/W
0x011A
Clock detection
control
Reserved
Clock
detection
threshold
Clock
detection
enable
Reserved
0x00
R/W
0x011B
Pair map clock
status
Reserved
Input clock
detect
0x00
R
0x0120
Pair Map
SYSREF
Control 1
Reserved
SYSREF±
flag reset
Reserved
SYSREF±
transition
select
CLK± edge
select
SYSREF± mode select
Reserved
0x00
R/W
0x0121
Pair Map
SYSREF
Control 2
Reserved
SYSREF± N shot ignore counter select
0x00
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com