Electronic Components Datasheet Search
  English  ▼

X  

AD9694 Datasheet(PDF) 78 Page - Analog Devices

Part # AD9694
Description  14-Bit, 500 MSPS JESD204B, Quad Analog-to-Digital Converter
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9694 Datasheet(HTML) 78 Page - Analog Devices

Back Button AD9694 Datasheet HTML 74Page - Analog Devices AD9694 Datasheet HTML 75Page - Analog Devices AD9694 Datasheet HTML 76Page - Analog Devices AD9694 Datasheet HTML 77Page - Analog Devices AD9694 Datasheet HTML 78Page - Analog Devices AD9694 Datasheet HTML 79Page - Analog Devices AD9694 Datasheet HTML 80Page - Analog Devices AD9694 Datasheet HTML 81Page - Analog Devices AD9694 Datasheet HTML 82Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 101 page
background image
AD9694
Data Sheet
Rev. 0 | Page 78 of 101
Addr
Name
Bits
Bit Name
Settings Description
Reset Access
1000
4 input clock cycles delayed.
1001
41/2 input clock cycles delayed.
1010
5 input clock cycles delayed.
1011
51/2 input clock cycles delayed.
1100
6 input clock cycles delayed.
1101
61/2 input clock cycles delayed.
1110
7 input clock cycles delayed.
1111
7 1/2 input clock cycles delayed.
0x010A
Pair map
clock diviver
SYSREF
control
7
Clock divider autophase
adjust
0x0
R/W
0
Clock divider phase is not changed by SYSREF
(disabled).
1
Clock divider phase is automatically adjusted
by SYSREF (enabled).
[6:4]
Reserved
Reserved.
0x0
R
[3:2]
Clock divider negative
skew window
0x0
R/W
00
No negative skew: SYSREF must be captured
accurately.
01
1/2 device clocks of negative skew.
10
1 device clock of negative skew.
11
1 1/2 device clocks of negative skew.
[1:0]
Clock divider positive
skew window
0x0
R/W
00
No positive skew: SYSREF must be captured
accurately.
01
1/2 device clocks of positive skew.
10
1 device clock of positive skew.
11
1 1/2 device clocks of positive skew
0x0110
Pair map
clock delay
control
[7:3]
Reserved
Reserved.
0x0
R
[2:0]
Clock delay mode select
Clock delay mode select. Used in conjunction
with Register 0x0111 and Register 0x0112.
0x0
R/W
000
No clock delay.
001
Reserved.
010
Fine delay: only Delay Step 0 to Delay Step 16
valid.
011
Fine delay (lowest jitter): only Delay Step 0 to
Delay Step 16 valid.
100
Fine delay: all 192 delay steps valid.
101
Reserved (same as 100).
110
Fine delay enabled (all 192 delay steps valid);
super fine delay enabled (all 128 delay steps
valid).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com