Electronic Components Datasheet Search
  English  ▼

X  

AD9694 Datasheet(PDF) 17 Page - Analog Devices

Part # AD9694
Description  14-Bit, 500 MSPS JESD204B, Quad Analog-to-Digital Converter
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9694 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9694 Datasheet HTML 13Page - Analog Devices AD9694 Datasheet HTML 14Page - Analog Devices AD9694 Datasheet HTML 15Page - Analog Devices AD9694 Datasheet HTML 16Page - Analog Devices AD9694 Datasheet HTML 17Page - Analog Devices AD9694 Datasheet HTML 18Page - Analog Devices AD9694 Datasheet HTML 19Page - Analog Devices AD9694 Datasheet HTML 20Page - Analog Devices AD9694 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 101 page
background image
Data Sheet
AD9694
Rev. 0 | Page 17 of 101
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
OUTPUT CODE
Figure 24. INL, fIN = 10.3 MHz
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
OUTPUT CODE
Figure 25. DNL, fIN = 10.3 MHz
CODE
6000
5000
4000
3000
2000
1000
0
Figure 26. Input Referred Noise Histogram
1.40
1.45
1.50
1.55
1.60
1.65
1.70
1.75
1.80
1.85
250
300
350
400
450
SAMPLE RATE (MSPS)
500
550
600
650
Figure 27. Power Dissipation vs. Sample Rate (fS)
–160
–140
–120
–100
–80
–60
–40
–20
0
–125
–75
–25
25
75
125
FREQUENCY (MHz)
AIN = –1dBFS
SNRFS = 65.94dB
SFDR = 89.01dBFS
Figure 28. DDC Mode (4 DDCs; Decimate by 2; L = 2, M = 4, and F = 4)
with fIN = 305 MHz
–160
–140
–120
–100
–80
–60
–40
–20
0
FREQUENCY (MHz)
AIN = –1dBFS
SNRFS = 71.80dB
SFDR = 98.27dBFS
Figure 29. DDC Mode (4 DDCs; Decimate by 4; L = 1, M = 4, and F = 8)
with fIN = 305 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com