Electronic Components Datasheet Search
  English  ▼

X  

AD9694 Datasheet(PDF) 79 Page - Analog Devices

Part # AD9694
Description  14-Bit, 500 MSPS JESD204B, Quad Analog-to-Digital Converter
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9694 Datasheet(HTML) 79 Page - Analog Devices

Back Button AD9694 Datasheet HTML 75Page - Analog Devices AD9694 Datasheet HTML 76Page - Analog Devices AD9694 Datasheet HTML 77Page - Analog Devices AD9694 Datasheet HTML 78Page - Analog Devices AD9694 Datasheet HTML 79Page - Analog Devices AD9694 Datasheet HTML 80Page - Analog Devices AD9694 Datasheet HTML 81Page - Analog Devices AD9694 Datasheet HTML 82Page - Analog Devices AD9694 Datasheet HTML 83Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 101 page
background image
Data Sheet
AD9694
Rev. 0 | Page 79 of 101
Addr
Name
Bits
Bit Name
Settings Description
Reset Access
0x0111
Channel map
clock
superfine
delay
[7:0]
Clock super fine delay
adjust
Clock super fine delay adjust: this is an
unsigned control to adjust the super fine
sample clock delay in 0.25 ps steps.
0x0
R/W
0x00 = 0 delay steps.
…
0x08 = 8 delay steps.
…
0x80 = 128 delay steps.
0x0112
Channel map
clock fine
delay
[7:0]
Clock fine delay adjust
Clock fine delay adjust: this is an unsigned
control to adjust the fine sample clock skew in
1.725 ps steps.
0xC0
R/W
0x00 = 0 delay steps.
…
0x08 = 8 delay steps.
…
0xC0 = 192 delay steps.
0x011A
Clock
detection
control
[7:5]
Reserved
Reserved.
0x0
R/W
[4:3]
Clock detection
threshold
Clock detection threshold.
0x1
R/W
01
200 MHz.
11
150 MHz.
2
Clock detection enable
Clock detection enable
0x1
R/W
1
Enable.
0
Disable.
0x011B
Pair map
clock status
[7:1]
Reserved
Reserved.
0x0
R
0
Input clock detect
Clock detection status
0x0
R
0
Input clock not detected.
1
Input clock detected/locked.
0x011C
Clock DCS
control
[7:3]
Reserved
Reserved
0x1
R/W
1
Clock DCS enable
0
DCS bypassed.
0x0
R/W
1
DCS enabled.
0
Clock DCS power-up
0
DCS powered down
0x0
R/W
1
DCS powered up. The DCS must be powered
up before being enabled.
0x0120
Pair map
SYSREF
Control 1
7
Reserved
Reserved.
0x0
R
6
SYSREF± flag reset
0x0
R/W
0
Normal flag operation.
1
SYSREF flags held in reset (setup/hold error
flags cleared).
5
Reserved
Reserved.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com