Electronic Components Datasheet Search
  English  ▼

X  

AD9694 Datasheet(PDF) 19 Page - Analog Devices

Part # AD9694
Description  14-Bit, 500 MSPS JESD204B, Quad Analog-to-Digital Converter
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9694 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9694 Datasheet HTML 15Page - Analog Devices AD9694 Datasheet HTML 16Page - Analog Devices AD9694 Datasheet HTML 17Page - Analog Devices AD9694 Datasheet HTML 18Page - Analog Devices AD9694 Datasheet HTML 19Page - Analog Devices AD9694 Datasheet HTML 20Page - Analog Devices AD9694 Datasheet HTML 21Page - Analog Devices AD9694 Datasheet HTML 22Page - Analog Devices AD9694 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 101 page
background image
Data Sheet
AD9694
Rev. 0 | Page 19 of 101
ANALOG INPUT FREQUENCY (MHz)
64
65
66
67
68
69
INPUT FULL SCALE = 2.16V
INPUT FULL SCALE = 1.44V
Figure 36. SNR vs. Analog Input Frequency with Different Analog Input
Full Scales (First and Second Nyquist Zones)
INPUT FULL SCALE = 2.16V
INPUT FULL SCALE = 1.44V
ANALOG INPUT FREQUENCY (MHz)
64.0
64.2
64.4
64.6
64.8
65.0
65.2
65.4
65.6
65.8
66.0
66.2
66.4
66.6
66.8
67.0
67.2
67.4
67.6
67.8
68.0
68.2
68.4
68.6
68.8
69.0
Figure 37. SNR vs. Analog Input Frequency with Different Analog Input
Full Scales (Third Nyquist Zone)
62
63
64
65
66
67
68
INPUT FULL SCALE = 2.16V
INPUT FULL SCALE = 1.44V
ANALOG INPUT FREQUENCY (MHz)
Figure 38. SNR vs. Analog Input Frequency with Different Analog Input
Full Scales (Fourth Nyquist Zone)
–90
–89
–88
–87
–86
–85
–84
–83
–82
–81
–80
–79
–78
–77
–76
–75
–74
–73
–72
–71
–70
INPUT FULL SCALE = 2.16V
INPUT FULL SCALE = 1.44V
ANALOG INPUT FREQUENCY (MHz)
Figure 39. SFDR vs. Analog Input Frequency with Different Analog Input
Full Scales (First and Second Nyquist Zones)
–90
–89
–88
–87
–86
–85
–84
–83
–82
–81
–80
–79
–78
–77
–76
–75
–74
–73
–72
–71
–70
INPUT FULL SCALE = 2.16V
INPUT FULL SCALE = 1.44V
ANALOG INPUT FREQUENCY (MHz)
Figure 40. SFDR vs. Analog Input Frequency with Different Analog Input
Full Scales (Third Nyquist Zone)
–81
–79
–77
–75
–73
–71
–69
–67
–65
–63
–61
–59
–57
–55
ANALOG INPUT FREQUENCY (MHz)
INPUT FULL SCALE = 2.16V
INPUT FULL SCALE = 1.44V
Figure 41. SFDR vs. Analog Input Frequency with Different Analog Input
Full Scales (Fourth Nyquist Zone)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com