Electronic Components Datasheet Search
  English  ▼

X  

AD9694 Datasheet(PDF) 65 Page - Analog Devices

Part # AD9694
Description  14-Bit, 500 MSPS JESD204B, Quad Analog-to-Digital Converter
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9694 Datasheet(HTML) 65 Page - Analog Devices

Back Button AD9694 Datasheet HTML 61Page - Analog Devices AD9694 Datasheet HTML 62Page - Analog Devices AD9694 Datasheet HTML 63Page - Analog Devices AD9694 Datasheet HTML 64Page - Analog Devices AD9694 Datasheet HTML 65Page - Analog Devices AD9694 Datasheet HTML 66Page - Analog Devices AD9694 Datasheet HTML 67Page - Analog Devices AD9694 Datasheet HTML 68Page - Analog Devices AD9694 Datasheet HTML 69Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 101 page
background image
Data Sheet
AD9694
Rev. 0 | Page 65 of 101
JESD204B BLOCK TEST MODES
In addition to the ADC pipeline test modes, the AD9694 also
has flexible test modes in the JESD204B block. These test modes
are listed in Register 0x0573 and Register 0x0574. These test patterns
can be injected at various points along the output data path. These
test injection points are shown in Figure 82. Table 32 describes
the various test modes available in the JESD204B block. For the
AD9694, a transition from test modes (Register 0x0573 ≠ 0x00)
to normal mode (Register 0x0573 = 0x00) requires an SPI soft
reset. This is done by writing 0x81 to Register 0x0000 (self cleared).
Transport Layer Sample Test Mode
The transport layer samples are implemented in the AD9694 as
defined by Section 5.1.6.3 in the JEDEC JESD204B specification.
These tests are shown in Register 0x0571, Bit 5. The test pattern
is equivalent to the raw samples from the ADC.
Interface Test Modes
The interface test modes are described in Register 0x0573, Bits[3:0].
These test modes are also explained in Table 32. The interface tests
can be injected at various points along the data. See Figure 82
for more information on the test injection points. Register 0x0573,
Bits[5:4] show where these tests are injected.
Table 33, Table 34, and Table 35 show examples of some of the
test modes when injected at the JESD204B sample input,
physical layer (PHY) 10-bit input, and scrambler 8-bit input. In
Table 32 through Table 35, UPx represents the user pattern
control bits from the customer register map.
Data Link Layer Test Modes
The data link layer test modes are implemented in the AD9694
as defined by Section 5.3.3.8.2 in the JEDEC JESD204B
specification. These tests are shown in Register 0x0574,
Bits[2:0]. Test patterns inserted at the data link layer are useful
for verifying the functionality of the data link layer. When the
data link layer test modes are enabled, disable SYNCINB±x by
writing 0xC0 to Register 0x0572.
Table 32. JESD204B Interface Test Modes
Output Test Mode
Bit Sequence
Pattern Name
Expression
Default
0000
Off (default)
Not applicable
Not applicable
0001
Alternating checker board
0x5555, 0xAAAA, 0x5555, …
Not applicable
0010
1/0 word toggle
0x0000, 0xFFFF, 0x0000, …
Not applicable
0011
31-bit PN sequence
x31 + x28 + 1
0x0003AFFF
0100
23-bit PN sequence
x23 + x18 + 1
0x003AFF
0101
15-bit PN sequence
x15 + x14 + 1
0x03AF
0110
9-bit PN sequence
x9 + x5 + 1
0x092
0111
7-bit PN sequence
x7 + x6 + 1
0x07
1000
Ramp output
(x) % 216
Ramp size depends on test injection point
1110
Continuous/repeat user test
Register 0x0551 to Register 0x0558
User Pattern 1 to User Pattern 4, then repeat
1111
Single user test
Register 0x0551 to Register 0x0558
User Pattern 1 to User Pattern 4, then zeros
Table 33. JESD204B Sample Input for M = 2, S = 2, N' = 16 (Register 0x0573, Bits[5:4] = 'b00)
Frame
Number
Converter
Number
Sample
Number
Alternating
Checkerboard
1/0 Word
Toggle
Ramp
9-Bit
PN
23-Bit
PN
User Repeat
User Single
0
0
0
0x5555
0x0000
(x) % 216
0x496F
0xFF5C
UP1[15:0]
UP1[15:0]
0
0
1
0x5555
0x0000
(x) % 216
0x496F
0xFF5C
UP1[15:0]
UP1[15:0]
0
1
0
0x5555
0x0000
(x) % 216
0x496F
0xFF5C
UP1[15:0]
UP1[15:0]
0
1
1
0x5555
0x0000
(x) % 216
0x496F
0xFF5C
UP1[15:0]
UP1[15:0]
1
0
0
0xAAAA
0xFFFF
(x +1) % 216
0xC9A9
0x0029
UP2[15:0]
UP2[15:0]
1
0
1
0xAAAA
0xFFFF
(x +1) % 216
0xC9A9
0x0029
UP2[15:0]
UP2[15:0]
1
1
0
0xAAAA
0xFFFF
(x +1) % 216
0xC9A9
0x0029
UP2[15:0]
UP2[15:0]
1
1
1
0xAAAA
0xFFFF
(x +1) % 216
0xC9A9
0x0029
UP2[15:0]
UP2[15:0]
2
0
0
0x5555
0x0000
(x +2) % 216
0x980C
0xB80A
UP3[15:0]
UP3[15:0]
2
0
1
0x5555
0x0000
(x +2) % 216
0x980C
0xB80A
UP3[15:0]
UP3[15:0]
2
1
0
0x5555
0x0000
(x +2) % 216
0x980C
0xB80A
UP3[15:0]
UP3[15:0]
2
1
1
0x5555
0x0000
(x +2) % 216
0x980C
0xB80A
UP3[15:0]
UP3[15:0]
3
0
0
0xAAAA
0xFFFF
(x +3) % 216
0x651A
0x3D72
UP4[15:0]
UP4[15:0]
3
0
1
0xAAAA
0xFFFF
(x +3) % 216
0x651A
0x3D72
UP4[15:0]
UP4[15:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com