Electronic Components Datasheet Search
  English  ▼

X  

AD9694 Datasheet(PDF) 91 Page - Analog Devices

Part # AD9694
Description  14-Bit, 500 MSPS JESD204B, Quad Analog-to-Digital Converter
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9694 Datasheet(HTML) 91 Page - Analog Devices

Back Button AD9694 Datasheet HTML 87Page - Analog Devices AD9694 Datasheet HTML 88Page - Analog Devices AD9694 Datasheet HTML 89Page - Analog Devices AD9694 Datasheet HTML 90Page - Analog Devices AD9694 Datasheet HTML 91Page - Analog Devices AD9694 Datasheet HTML 92Page - Analog Devices AD9694 Datasheet HTML 93Page - Analog Devices AD9694 Datasheet HTML 94Page - Analog Devices AD9694 Datasheet HTML 95Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 101 page
background image
Data Sheet
AD9694
Rev. 0 | Page 91 of 101
Addr
Name
Bits
Bit Name
Settings Description
Reset Access
0x0564
Pair map
output
channel
select
[7:2]
Reserved
Reserved.
0x0
R
1
Reserved
Reserved.
0x0
R/W
0
Converter channel swap
control
0x0
R/W
0
Normal channel ordering.
1
Channel swap enabled.
0x056E
JESD204B
map PLL
control
[7:4]
JESD204B lane rate
control
0x0
R/W
0000
Lane rate = 6.75 Gbps to 13.5 Gbps.
0001
Lane rate = 3.375 Gbps to 6.75 Gbps.
0011
Lane rate = 13.5 Gbps to 15 Gbps.
0101
Lane rate = 1.6875 Gbps to 3.375 Gbps.
[3:0]
Reserved
Reserved.
0x0
R
0x056F
JESD204B
map PLL
STATUS
7
PLL lock status
0x0
R
0
Not locked.
1
Locked.
[6:4]
Reserved
Reserved.
0x0
R
3
Reserved
Reserved.
0x0
R
[2:0]
Reserved
Reserved.
0x0
R
0x0570
JESD204B
map JTX
quick
configuration
[7:6]
Quick Configuration L
Number of lanes (L) = 20x0570[7:6].
0x1
R/W
0
L = 1.
1
L = 2.
[5:3]
Quick Configuration M
Number of converters (M) = 20x0570[5:3].
0x1
R/W
0
M = 1.
1
M = 2.
10
M = 4.
[2:0]
Quick Configuration F
Number of octets/frame (F) = 20x0570[2:0].
0x1
R/W
0
F = 1.
1
F = 2.
10
F = 4.
11
F = 8.
0x0571
JESD204B
map JTX Link
Control 1
7
Standby mode
0x0
R/W
0
Standby mode forces zeros for all converter
samples.
1
Standby mode forces code group
synchronization (/K28.5/ characters).
6
Tail bit (t) PN
0x0
R/W
0
Disable.
1
Enable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com