Electronic Components Datasheet Search
  English  ▼

X  

DA9021 Datasheet(PDF) 41 Page - Dialog Semiconductor

Part # DA9021
Description  System PMIC with high efficiency USB power manager
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9021 Datasheet(HTML) 41 Page - Dialog Semiconductor

Back Button DA9021 Datasheet HTML 37Page - Dialog Semiconductor DA9021 Datasheet HTML 38Page - Dialog Semiconductor DA9021 Datasheet HTML 39Page - Dialog Semiconductor DA9021 Datasheet HTML 40Page - Dialog Semiconductor DA9021 Datasheet HTML 41Page - Dialog Semiconductor DA9021 Datasheet HTML 42Page - Dialog Semiconductor DA9021 Datasheet HTML 43Page - Dialog Semiconductor DA9021 Datasheet HTML 44Page - Dialog Semiconductor DA9021 Datasheet HTML 45Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 142 page
background image
DA9021/22
System PMIC with high efficiency USB power manager
Datasheet
Revision 2.5
17-Feb-2017
CFR0011-120-00 Rev 5
41 of 142
© 2017 Dialog Semiconductor
9
Real time clock and 32 kHz oscillator
The real time clock (RTC) block keeps track of the RTC clock counter and alarm function. The RTC
block will operate from the LDO_CORE power supply.
9.1
32 kHz oscillator
The clock oscillator cell is used to drive the RTC counter. It works with an external piezoelectric
oscillator crystal at 32.768 kHz.
In order to achieve the desired crystal frequency connect an external capacitor (10 pF to 20 pF,
depending on the parasitic capacitance of the board) to ground from each of the crystal pins. The
start-up time of the oscillator is typically 0.5 s over the voltage range. When the crystal is not
mounted, ground the unpopulated crystal pins. The 32 kHz clock signal is made available at the
OUT_32K pin and the buffer can be disabled from the sequencer during POWERDOWN mode.
The timekeeping error from the frequency variance of crystal oscillators (typ. +/- 20 ppm) can be
trimmed individually by +/- 242 ppm with a resolution of 1.9 ppm (1/(32768 * 16)). More advanced
solutions will be able to dynamically correct the temperature related oscillator frequency drift
(> 100 ppm) by using a periodic temperature measurement located close to the crystal. The
timekeeping correction will be applied only towards the on-chip RTC block. To avoid potential clock
jitter issues, the 32 kHz clock signal at the OUT_32K pin provides the original frequency of the
crystal.
9.2
RTC counter and alarm
The RTC counter can count the number of 32 kHz clock periods, providing a seconds, minutes,
hours, day, month and year output, up to 63 years. Year 0 corresponds to 2000. The value of the
RTC calendar shall be read-/write-able via the power manager communication. The calendar is reset
to zero when VDDCORE is lost.
There is an alarm register containing minutes, hours, day, month and year. When the RTC counter
register value corresponds to the value set in the alarm an interrupt request (IRQ) event and a
wakeup (if DA9021/22 is in POWERDOWN mode) will be triggered. The trigger will also set a bit in
an event register to notify that an alarm has occurred. The alarm can alternatively be asserted from a
periodic tick signal that, depending on control TICK_TYPE, is either asserted every second or
minute. In the case the host has enabled both alarms it can determine from the status of
ALARM_TYPE whether the IRQ/wakeup was caused by the timer or the tick.
NOTE
The oscillator inputs can withstand a leakage current, corresponding to at least a 10
MΩ connected between the
pin and any signal level between VDDOUT and GND.
The power manager registers ALARM_ON and TICK_ON enable/disable the alarm/tick. The power manager
register bit MONITOR is set to
‘0’ each time the RTC is powered up. The software sets this bit to ‘1’ when setting
the time and date, which allows the software to detect a subsequent loss of the clock.
NOTE
Values written into the RTC calendar and alarm registers must be within the allowed range (see register
description, for example maximum 60 for seconds or minutes).
The RTC seconds registers define a 32-bit seconds counter (approximately 136 years), that can only
be reset via the nPOR and starts counting seconds after nPOR is released. Using the RTC input
clock the output port GPO10 can be toggled with a configurable periodic pulse. In this mode GPO10
offers blinking LED drivers that are able to run in POWERDOWN mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com