Electronic Components Datasheet Search
  English  ▼

X  

DA9021 Datasheet(PDF) 1 Page - Dialog Semiconductor

Part # DA9021
Description  System PMIC with high efficiency USB power manager
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9021 Datasheet(HTML) 1 Page - Dialog Semiconductor

  DA9021 Datasheet HTML 1Page - Dialog Semiconductor DA9021 Datasheet HTML 2Page - Dialog Semiconductor DA9021 Datasheet HTML 3Page - Dialog Semiconductor DA9021 Datasheet HTML 4Page - Dialog Semiconductor DA9021 Datasheet HTML 5Page - Dialog Semiconductor DA9021 Datasheet HTML 6Page - Dialog Semiconductor DA9021 Datasheet HTML 7Page - Dialog Semiconductor DA9021 Datasheet HTML 8Page - Dialog Semiconductor DA9021 Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 142 page
background image
DA9021/22
System PMIC with high efficiency USB power manager
Datasheet
Revision 2.5
17-Feb-2017
CFR0011-120-00 Rev 5
1 of 142
© 2017 Dialog Semiconductor
General description
The DA9021/22 family is a highly integrated PMIC subsystem with supply domains to support a wide
range of application processors, associated peripherals, and user interface functions. Combining a
switched-mode USB compatible charger, full power-path management, three bucks, five linear
regulators and support for multiple sleep modes, the DA9021 offers an energy-optimised solution
suitable for portable handheld, wireless and, infotainment applications.
DA9021/22 comes in a 4 x 4 mm, 64-bump, WLCSP package making it ideal for space constrained
applications.
The high-efficiency Li-lon/Polymer switching charger supports precise current/voltage charging as
well as pre-charge and USB modes without processor interaction. During charging, the die
temperature is thermally regulated enabling high-capacity batteries to be rapidly charged at currents
up to 1.26 A with minimum thermal impact to space-constrained PCBs.
DA9021 offers a merged buck configuration for a combined 1.6 A or DA9022 offers a higher voltage
capability on one DC-DC buck converter which is ideal for peripherals and memory running up to
3.6 V. USB suspend mode operation is supported and, for robustness, the power input is protected
against over-voltage conditions.
The internally generated system power rail supports power scenarios such as instant-on with a fully
discharged battery.
The power efficiency and flexibility of the switching DC-DC bucks is maintained to generate the
various supply domains.
Controlled by a programmable digital power manager, the eight user-programmable switched/linear
regulators may be configured to meet the start-up sequence, voltage, and timing requirements for
most applications. The power manager includes supply-rail qualification and system reset
management. For optimal processor energy-per-task performance, Dynamic Voltage Scaling (DVS)
is available on up to four supply domains. Dialog’s patented SmartMirror™ dynamic biasing is
implemented on all linear regulators.
Key features
■ Switched USB charger with power path
management
■ Three buck converters with DVC, 0.5 V to
3.6 V, up to 800 mA
■ Five programmable LDOs, high PSRR, 1 %
accuracy
■ 32 kHz RTC oscillator
■ An integrated 7-channel general purpose ADC
■ 9-bit GPIO bus for enhanced wakeup and
peripheral control
■ HS2-wire and 4-wire control interfaces
■ Unique USB supply detection and charge
current selection
■ 64 WLCSP 4x4 mm, 0.5 mm pitch package
Applications
■ Personal media players
■ Smartphone handsets
■ Personal navigation devices
■ Consumer infotainment devices
■ IoT


Similar Part No. - DA9021

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA9024 DIALOG-DA9024 Datasheet
979Kb / 3P
DA9024 Quad 1.2A Buck PMIC with Audio Drivers
More results

Similar Description - DA9021

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3566-2 LINER-LTC3566-2_15 Datasheet
282Kb / 28P
High Efficiency USB Power Manager Plus 1A Buck-Boost Converter
LTC4088 LINER-LTC4088_15 Datasheet
311Kb / 24P
High Efficiency Battery Charger/USB Power Manager
LTC4088-1 LINER-LTC4088-1_15 Datasheet
308Kb / 24P
High Efficiency Battery Charger/USB Power Manager with Regulated Output Voltage
LTC4088-2 LINER-LTC4088-2_15 Datasheet
308Kb / 24P
High Efficiency Battery Charger/USB Power Manager with Regulated Output Voltage
LTC3586 LINER-LTC3586_15 Datasheet
454Kb / 36P
High Efficiency USB Power Manager with Boost, Buck-Boost and Dual Bucks
LTC3586-1 LINER-LTC3586-1_15 Datasheet
454Kb / 36P
High Efficiency USB Power Manager with Boost, Buck-Boost and Dual Bucks
LTC3586-3 LINER-LTC3586-3_15 Datasheet
699Kb / 36P
High Efficiency USB Power Manager with Boost, Buck-Boost and Dual Bucks
logo
Dialog Semiconductor
DA9053 DIALOG-DA9053 Datasheet
3Mb / 183P
Flexible High-Power System PMIC with Switching USB Power Manager
DA9052 DIALOG-DA9052 Datasheet
1Mb / 3P
Flexible system PMIC with high-efficiency USB power manager
logo
Renesas Technology Corp
DA9053 RENESAS-DA9053 Datasheet
3Mb / 185P
Flexible High-Power System PMIC with 1.8 A Switching USB Power Manager
31-Aug-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com