Electronic Components Datasheet Search
  English  ▼

X  

DA9021 Datasheet(PDF) 96 Page - Dialog Semiconductor

Part # DA9021
Description  System PMIC with high efficiency USB power manager
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9021 Datasheet(HTML) 96 Page - Dialog Semiconductor

Back Button DA9021 Datasheet HTML 92Page - Dialog Semiconductor DA9021 Datasheet HTML 93Page - Dialog Semiconductor DA9021 Datasheet HTML 94Page - Dialog Semiconductor DA9021 Datasheet HTML 95Page - Dialog Semiconductor DA9021 Datasheet HTML 96Page - Dialog Semiconductor DA9021 Datasheet HTML 97Page - Dialog Semiconductor DA9021 Datasheet HTML 98Page - Dialog Semiconductor DA9021 Datasheet HTML 99Page - Dialog Semiconductor DA9021 Datasheet HTML 100Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 142 page
background image
DA9021/22
System PMIC with high efficiency USB power manager
Datasheet
Revision 2.5
17-Feb-2017
CFR0011-120-00 Rev 5
96 of 142
© 2017 Dialog Semiconductor
Register
address
Bit
Type
Label
Default
Description
01011: 2.35 V
01100: 2.4 V
01101: 2.45 V
01110: 2.5 V
01111: 2.55 V
10000: 2.6 V
10001: 2.65 V
10010: 2.7 V
10011: 2.75 V
10100: 2.8 V
10101: 2.85 V
10110: 2.9 V
10111: 2.95 V
11000: 3.0 V
11001: 3.1 V
11010: 3.2 V
11011: 3.3 V
11100: 3.4 V
11101: 3.5 V
11110: 3.6 V
>11110: 3.6 V
5
R/W
BPERI_HS
0
0: BUCK_PERI PMOS pass device is full size
1: BUCK_PERI PMOS pass device is half size
6
R/W
BPERI_EN
0
0: BUCKPERI disabled
1: BUCKPERI enabled
7
R/W
BPERI_CO
NF
0
0: Supply voltage immediate change
1: Supply voltage preset (activated during
power down sequence instead of disable)
Table 87: LDO1
Register
address
Bit
Type
Label
Default
Description
R50
LDO1
4:0
R/W
VLDO1
01100
00000: 0.600 V
00001: 0.650 V
00010: 0.700 V
00011: 0.750 V
00100: 0.800 V
00101: 0.850 V
00110: 0.900 V
00111: 0.950 V
01000: 1.000 V
01001: 1.050 V
01010: 1.100 V
01011: 1.150 V
01100: 1.200 V
01101: 1.250 V
01110: 1.300 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com