Electronic Components Datasheet Search
  English  ▼

X  

DA9021 Datasheet(PDF) 67 Page - Dialog Semiconductor

Part # DA9021
Description  System PMIC with high efficiency USB power manager
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9021 Datasheet(HTML) 67 Page - Dialog Semiconductor

Back Button DA9021 Datasheet HTML 63Page - Dialog Semiconductor DA9021 Datasheet HTML 64Page - Dialog Semiconductor DA9021 Datasheet HTML 65Page - Dialog Semiconductor DA9021 Datasheet HTML 66Page - Dialog Semiconductor DA9021 Datasheet HTML 67Page - Dialog Semiconductor DA9021 Datasheet HTML 68Page - Dialog Semiconductor DA9021 Datasheet HTML 69Page - Dialog Semiconductor DA9021 Datasheet HTML 70Page - Dialog Semiconductor DA9021 Datasheet HTML 71Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 142 page
background image
DA9021/22
System PMIC with high efficiency USB power manager
Datasheet
Revision 2.5
17-Feb-2017
CFR0011-120-00 Rev 5
67 of 142
© 2017 Dialog Semiconductor
Table 44: EVENT_B
Register
address
Bit
Type
Label
Default
Description
R6
EVENT_B
0
R
E_nONKEY
0
nONKEY caused event
3
R
E_CHG_END
0
Battery charging complete caused event
4
R
E_TBAT
0
Battery over/ under temp caused event
5
R
E_ADC_EOM
0
ADC manual conversion result ready caused
event
Table 45: EVENT_C
Register
address
Bit
Type
Label
Default
Description
R7
EVENT_C
0
R
E_GPI0
0
GPI event according to active state setting/
ADCIN4 high / low threshold exceeded
caused event
1
R
E_GPI1
0
GPI event according to active state setting/
ADCIN5 high / low threshold exceeded
caused event
Table 46: EVENT_D
Register
address
BIT
TYPE
LABEL
DEFAULT
DESCRIPTION
R8
EVENT_D
0
R
E_GPI8
0
GPI event according to active state
setting/SYS_EN assertion caused event
1
R
E_GPI9
0
GPI event according to active state
setting/PWR_EN assertion caused event
2
R
E_GPI10
0
GPI event according to active state
setting/PWR1_EN assertion caused event
4
R
E_GPI12
0
GPI event according to active state setting
5
R
E_GPI13
0
GPI event according to active state setting
6
R
E_GPI14
0
GPI event according to active state
setting/Event caused from host addressing
HS-2-wire interface
7
R
E_GPI15
0
GPI event according to active state setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com