Electronic Components Datasheet Search
  English  ▼

X  

DA9021 Datasheet(PDF) 88 Page - Dialog Semiconductor

Part # DA9021
Description  System PMIC with high efficiency USB power manager
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9021 Datasheet(HTML) 88 Page - Dialog Semiconductor

Back Button DA9021 Datasheet HTML 84Page - Dialog Semiconductor DA9021 Datasheet HTML 85Page - Dialog Semiconductor DA9021 Datasheet HTML 86Page - Dialog Semiconductor DA9021 Datasheet HTML 87Page - Dialog Semiconductor DA9021 Datasheet HTML 88Page - Dialog Semiconductor DA9021 Datasheet HTML 89Page - Dialog Semiconductor DA9021 Datasheet HTML 90Page - Dialog Semiconductor DA9021 Datasheet HTML 91Page - Dialog Semiconductor DA9021 Datasheet HTML 92Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 142 page
background image
DA9021/22
System PMIC with high efficiency USB power manager
Datasheet
Revision 2.5
17-Feb-2017
CFR0011-120-00 Rev 5
88 of 142
© 2017 Dialog Semiconductor
18 DC/DC buck converters
DA9021/22 includes three DC-DC buck converters with Dynamic Voltage Control (DVC). DA9022
also includes three DC-DC buck converters, two with DVC and one with fixed output voltage
(programmable from OTP). The output voltages are fully programmable via the control interface
allowing optimisation of the complete system for maximum performance and power efficiency. For
security reasons the reprogramming of output voltages from the control interfaces can be disabled
via control V_LOCK.
NOTE
Powering down to RESET mode will automatically disable all buck converters.
DCDC CONVERTER
(2 MHz)
DRV
CTRL
VBUCK
VFB
Isense
COUT
CNTRL
VDD (2.8 ... 5.0V)
SLEEP_EN
DAC
REF
POWER-EN
4.7uH
Figure 40: DC-DC buck converter
18.1 Converters BUCKCORE, BUCKPRO (DA9021 only) and BUCKMEM with
DVC
These converters are high efficiency, synchronous, step down regulators operating at a high
frequency (2 MHz) and supplying individual output voltages with ± 3% accuracy. Default output
voltage is loaded from OTP and can be set in 25 mV steps.
DVC allows the following features:
● The buck converter output voltage to be programmable over the power manager bus in 25 mV
steps.
● The output voltage ramp step size is 6.25 mV/µs while slewing. If the feedback signal is
configured to be READY this line is asserted while slewing.
● Output voltages below 0.725 V will only be supported in Pulse Frequency Modulation (PFM)
mode. During a voltage reduction below 0.725 V the slew rate control ends at 0.725 V and the
buck mode is automatically changed to sleep mode (with reduced maximum current capability).
The timing of voltage transitions between 0.5 V and 0.725 V depends on the load.
The DVC is handled by the following registers:
● Output voltage setting register VBCORE, VBPRO and VBMEM to configure the new target
voltage.
● Activate bit VB_CORE_GO, VB_PRO_GO and VB_MEM_GO will implement the changes at the
buck output (also used from the sequencer for deferred voltage changes). After being started
DA9021/22 will block (not accept any re-programming of) the related voltage setting registers
until slewing has been finished. If selected the READY signal will be asserted during ramping.
The supply current during PWM (synchronous rectification) operation is in the order of 2.2 mA
(quiescent current and charge/discharge current) and drops to <1µA in shutdown. Switching
frequency is chosen to be high enough to allow the use of a small 4.7 µH inductor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com