Electronic Components Datasheet Search
  English  ▼

X  

DA9021 Datasheet(PDF) 90 Page - Dialog Semiconductor

Part # DA9021
Description  System PMIC with high efficiency USB power manager
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9021 Datasheet(HTML) 90 Page - Dialog Semiconductor

Back Button DA9021 Datasheet HTML 86Page - Dialog Semiconductor DA9021 Datasheet HTML 87Page - Dialog Semiconductor DA9021 Datasheet HTML 88Page - Dialog Semiconductor DA9021 Datasheet HTML 89Page - Dialog Semiconductor DA9021 Datasheet HTML 90Page - Dialog Semiconductor DA9021 Datasheet HTML 91Page - Dialog Semiconductor DA9021 Datasheet HTML 92Page - Dialog Semiconductor DA9021 Datasheet HTML 93Page - Dialog Semiconductor DA9021 Datasheet HTML 94Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 142 page
background image
DA9021/22
System PMIC with high efficiency USB power manager
Datasheet
Revision 2.5
17-Feb-2017
CFR0011-120-00 Rev 5
90 of 142
© 2017 Dialog Semiconductor
.
VBUCKCORE
SWBUCKCORE
40uF
SWBUCKPRO
Symmetrical
connection
Figure 41: BUCKCORE merged with BUCKPRO
18.2 Converter BUCKPERI with OTP programmable output voltage and
bypass mode (DA9022 only)
The BUCKPERI converter is a high efficiency synchronous step down regulator operating at a high
frequency (2 MHz). The default output voltage is loaded from OTP and can be set from 1.8 V to 3.6 V
in 50 mV steps from 1.8 to 3.0 V and 100 mV steps from 3.0 V to 3.6 V.
NOTE
Changes to the output voltage have to be executed in disabled mode as this regulator does not offer DVC
The supply current during PWM mode operation is in the order of 3 mA (quiescent current and
charge/discharge current) and drops to < 1 µA in shutdown. Switching frequency is chosen to be high
enough to allow the use of a small 2.2 µH to 4.7 µH inductor.
The operating mode of the buck converter is selected via the buck control register bits. The buck
converter can be forced to operate in either SYNCHRONOUS mode or SLEEP mode. Additionally
the buck converter has an AUTOMATIC mode where it will switch between SYNCHRONOUS and
SLEEP mode depending on the load current.
In SLEEP mode, the buck converter works in PFM mode.
An internal zero crossing comparator is used to time the turn-off of the NFET, thereby removing the
need for an external Schottky diode.
If reduced output power is required for improved efficiency it can run with a smaller pass device.
BUCKPERI is able to operate up to a duty cycle of 100%, where a bypass switch across the coil will
be enabled to prevent LC oscillations introduced by load-current spikes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com