Electronic Components Datasheet Search
  English  ▼

X  

DA9021 Datasheet(PDF) 63 Page - Dialog Semiconductor

Part # DA9021
Description  System PMIC with high efficiency USB power manager
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9021 Datasheet(HTML) 63 Page - Dialog Semiconductor

Back Button DA9021 Datasheet HTML 59Page - Dialog Semiconductor DA9021 Datasheet HTML 60Page - Dialog Semiconductor DA9021 Datasheet HTML 61Page - Dialog Semiconductor DA9021 Datasheet HTML 62Page - Dialog Semiconductor DA9021 Datasheet HTML 63Page - Dialog Semiconductor DA9021 Datasheet HTML 64Page - Dialog Semiconductor DA9021 Datasheet HTML 65Page - Dialog Semiconductor DA9021 Datasheet HTML 66Page - Dialog Semiconductor DA9021 Datasheet HTML 67Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 142 page
background image
DA9021/22
System PMIC with high efficiency USB power manager
Datasheet
Revision 2.5
17-Feb-2017
CFR0011-120-00 Rev 5
63 of 142
© 2017 Dialog Semiconductor
processed. If a domain contains at least one supply with an assigned preset, the power domain
status indicator (PWR1_UP, PWR_UP) will not be released. Otherwise the indicator will be released
before the first supply of a power domain is disabled.
If powering down was initiated from releasing PWR_EN1 the sequencer will stop to modify the
supplies where the domain pointer POWER_END reached. If PWR_EN was disabled the domain
POWER1 will be powered down followed by POWER until the sequencer reaches pointer
SYSTEM_END. If SYS_EN was disabled the sequencer will process all IDs lower than the actual
pointer position down to step 0.
If the low power mode was initiated by asserting the control register DEEP_SLEEP the sequencer
will first power down POWER1 and POWER, then continue with SYSTEM and stop when pointer
PART_DOWN has been reached (PART_DOWN has to point into domain SYSTEM). If SYS_EN was
disabled the sequencer will process all IDs lower than the actual pointer position down to step 0
(ignoring the PART_DOWN pointer).
The sequencer asserts the E_SEQ_RDY interrupt on reaching the target pointer position. During
processing step 0 all supplies (except LDOCORE) can be set to their OTP default state (if bit
DEF_SUPPLY of step 0 is asserted), but the voltage levels are unchanged. Due to the risk of in-rush
currents on the battery the default enable of more than a single supply at step 0 is not recommended.
Asserting control register bit SHUTDOWN will first power down to step 0 and then force DA9021/22
to RESET mode. DA9021/22 features (for example the OUT_32K output buffer or an auto ADC
measurement) can be disabled temporarily in POWERDOWN mode via register PD_DIS. The timing
for processing PD_DIS can be defined by the placement of PD_DIS inside the sequence. Features
asserted in PD_DIS are re-enabled when PD_DIS is processed during the next power-up sequence.
If the READY signal is enabled, it will be asserted during processing the IDs for powering down.
NOTE
Any reconfiguration of supplies from the host in ACTIVE mode will not affect the domain status indicators
(SYS_UP, and PWR_UP). During sequencing (indicated from DA9021/22 via signal READY or the E_SEQ_RDY
interrupt) the host is not allowed to send additional power mode transition requests (via power manger interface
or power domain enable lines).
A CONDITIONAL mode transition can be achieved using ID WAIT_STEP. If pointing into the
sequence the progress of an initiated mode transition can be synchronised, for example with the
state of a host that is indicated via a signal connected to GPI10. Via GPIO10_ MODE a security time-
out of 500 ms can be selected, that will trigger a power down to RESET mode (including the
assertion of WAIT_SHUT inside register FAULT_LOG) if E_GPI10 was not asserted until then.
NOTE
In the case of a shutdown sequence towards RESET mode (or POWERDOWN from fault condition) any waiting
from ID WAIT_STEP will be skipped.
When powering up from NO_POWER mode ID WAIT_STEP can alternatively be used as a
configurable delay to allow the 32 kHz oscillator to stabilise before the TTL signal is provided at the
OUT_32K output pin (see register WAIT_CONT).
The configuration at sequencer step 0 (nRES_MODE) enables the assertion of nRESET at the end
of a power down sequence and starts the reset timer during the consecutive powering up.
This is also true for partial POWERDOWN mode, when the sequencer powers down to pointer
position PART_DOWN.
The reset timer will start to run from the selected event RESET_EVENT and release the nRESET
port after the reset timer has expired (see also description for powering up from NO-POWER/RESET
mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com