Electronic Components Datasheet Search
  English  ▼

X  

DA9021 Datasheet(PDF) 62 Page - Dialog Semiconductor

Part # DA9021
Description  System PMIC with high efficiency USB power manager
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9021 Datasheet(HTML) 62 Page - Dialog Semiconductor

Back Button DA9021 Datasheet HTML 58Page - Dialog Semiconductor DA9021 Datasheet HTML 59Page - Dialog Semiconductor DA9021 Datasheet HTML 60Page - Dialog Semiconductor DA9021 Datasheet HTML 61Page - Dialog Semiconductor DA9021 Datasheet HTML 62Page - Dialog Semiconductor DA9021 Datasheet HTML 63Page - Dialog Semiconductor DA9021 Datasheet HTML 64Page - Dialog Semiconductor DA9021 Datasheet HTML 65Page - Dialog Semiconductor DA9021 Datasheet HTML 66Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 142 page
background image
DA9021/22
System PMIC with high efficiency USB power manager
Datasheet
Revision 2.5
17-Feb-2017
CFR0011-120-00 Rev 5
62 of 142
© 2017 Dialog Semiconductor
Action
Sequencer time slot
Comment
Assert/Release GP_FB2
GP_RISE1_STEP
Assert/Release GP_FB2
GP_RISE2_STEP
Release/Assert GP_FB2
GP_FALL1_STEP
Release/Assert GP_FB2
GP_FALL2_STEP
Wait for active state at GPI 10
WAIT_STEP
NOTE
IDs (for example supplies) not controlled by the sequencer should point into step 0.
Sequencer ID
(OTP cell)
Time slot
0
1
2
3
D
5
D
7
D
D
10
D
D
13
14
15
4
POWER_END
SYSTEM_END
OSC
Programmable
4-bit OTP
Start/Stop
SYS_EN
OTP
Enable
MAX_COUNT
Sequencer
PART_DOWN
SYSTEM
POWER
POWER1
Power Domain
PART_DOWN
Figure 36: Allocation of supplies (IDs) into to the sequencer time slots
To continue the sequencer checks for PWR_EN to be asserted (via PWR_EN port, register write or
OTP). When this is available the feedback signal READY will be asserted and supplies of domain
POWER will be enabled sequentially. The sequencer stops at step POWER_END, releases the
READY signal, asserts PWR_UP, asserts the E_SEQ_RDY interrupt, starts the ACTIVE mode of
DA9021/22 and releases an asserted EXT_WAKEUP signal.
A third power domain POWER1 can be enabled from PWR1_EN (asserted via PWR1_EN port,
register write or OTP). It enables all consecutive supplies until step MAX_COUNT has been reached,
asserts PWR1_UP and asserts the E_SEQ_RDY interrupt. The READY signal will be asserted as
long as IDs are processed (if enabled). The domain POWER1 offers no dedicated status indicator,
but the end of its power-up sequence can be selected to start the RESET timer.
The delay between the steps of a sequence is controlled via a 4-bit OTP programmable timer unit
SEQ_TIME with a default delay of 1285 µs per step (minimum 32 µs and max. 816 ms). The delay
time between individual supplies can be extended by leaving consecutive steps having no IDs
pointing to it (dummy supply), which provides an independent delay configured via control
SEQ_DUMMY. The delay timers are configured with their default values from OTP (R43) every time
before powering up inside domain SYSTEM.
NOTE
During entering and leaving a power domain a 32 µs delay will always be inserted.
When DA9021/22 is powering down, the sequencer will disable the supplies in reverse order and
timing. Supplies that are configured with a preset value (LDOx_CONF or BUCKxxx_CONF bit is set)
will not be disabled but configured with their preset voltage when the related time slot/ID is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com