Electronic Components Datasheet Search
  English  ▼

X  

DA9021 Datasheet(PDF) 15 Page - Dialog Semiconductor

Part # DA9021
Description  System PMIC with high efficiency USB power manager
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9021 Datasheet(HTML) 15 Page - Dialog Semiconductor

Back Button DA9021 Datasheet HTML 11Page - Dialog Semiconductor DA9021 Datasheet HTML 12Page - Dialog Semiconductor DA9021 Datasheet HTML 13Page - Dialog Semiconductor DA9021 Datasheet HTML 14Page - Dialog Semiconductor DA9021 Datasheet HTML 15Page - Dialog Semiconductor DA9021 Datasheet HTML 16Page - Dialog Semiconductor DA9021 Datasheet HTML 17Page - Dialog Semiconductor DA9021 Datasheet HTML 18Page - Dialog Semiconductor DA9021 Datasheet HTML 19Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 142 page
background image
DA9021/22
System PMIC with high efficiency USB power manager
Datasheet
Revision 2.5
17-Feb-2017
CFR0011-120-00 Rev 5
15 of 142
© 2017 Dialog Semiconductor
Pin no.
Pin name
Type
(Table 4)
Description
G5
TP
DIO
Test pin, enables POWER COMMANDER boot mode
4-/2-wire interfaces
G3
SO
DIO
4-wire data output or 2-wire data
H3
SI
DI
4-wire data input
H4
SK
DI
4-wire/2-wire clock
H4
nCS
DI
4-wire chip select
H6
DATA
DIO
HS-2-wire Data/GPIO_14 (enables reset if long press in
parallel with GPI15) with high-power output and PWM LED
control
H7
CLK
DI
HS-2-wire Clock/GPIO_15 (enables reset if long press in
parallel with GPI14) with high-power output and PWM LED
control
Voltage regulators
D8
VLDO1
AO
Output voltage from LDO1
E7
VDD_LDO1
PS
Supply voltage for LDO1
E8
VLDO3
AO
Output voltage from LDO3
F7
VDD_LDO3
PS
Supply voltage for LDO3
F8
VLDO7
AO
Output voltage from LDO7
F6
VDD_LDO7
PS
Supply voltage for LDO7
G8
VLDO9
AO
Output voltage from LDO9
H8
VLDO10
AO
Output voltage from LDO10
G7
VDD_LDO9_10
PS
Supply voltage for LDO9 and LDO10
D7
VDDCORE
AO
Supply for internal circuitry
E6
VDD_REF
AO
Switched supply from VBAT or VBUS
DC-DC buck converters
F2
VBUCKCORE
AI
Sense node for DVC DC-DC BUCKCORE
F1
SWBUCKCORE
AO
Switching node for BUCKCORE to be connected to
SWBUCKPRO for buck merge
B1
VBUCKPRO
AI
Sense node for DVC DC-DC BUCKPRO
C1
SWBUCKPRO
AO
Switching node for BUCKPRO to be connected to
SWBUCKCORE for buck merge
D2
VBUCKMEM
AI
Sense node for DVC DC-DC BUCKMEM
G1
SWBUCKMEM
AO
Switching node for BUCKMEM
D1
VDD_COR_PRO
PS
Supply voltage for BUCKCORE and BUCKPRO to be
connected to VDDOUT
E1
VDD_COR_PRO
PS
Supply voltage for BUCKCORE and BUCKPRO to be
connected to VDDOUT
H1
VDD_MEM
PS
Supply voltage for BUCKMEM to be connected to VDDOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com