Electronic Components Datasheet Search
  English  ▼

X  

DA9021 Datasheet(PDF) 54 Page - Dialog Semiconductor

Part # DA9021
Description  System PMIC with high efficiency USB power manager
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9021 Datasheet(HTML) 54 Page - Dialog Semiconductor

Back Button DA9021 Datasheet HTML 50Page - Dialog Semiconductor DA9021 Datasheet HTML 51Page - Dialog Semiconductor DA9021 Datasheet HTML 52Page - Dialog Semiconductor DA9021 Datasheet HTML 53Page - Dialog Semiconductor DA9021 Datasheet HTML 54Page - Dialog Semiconductor DA9021 Datasheet HTML 55Page - Dialog Semiconductor DA9021 Datasheet HTML 56Page - Dialog Semiconductor DA9021 Datasheet HTML 57Page - Dialog Semiconductor DA9021 Datasheet HTML 58Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 142 page
background image
DA9021/22
System PMIC with high efficiency USB power manager
Datasheet
Revision 2.5
17-Feb-2017
CFR0011-120-00 Rev 5
54 of 142
© 2017 Dialog Semiconductor
SLAVEadr
W
REGadr
A
DATA
A
P
S = START condition
A = Acknowledge (low)
P = STOP condition
W = Write (low)
Master to Slave
Slave to Master
7-bits
1-bit
8-bits
8-bits
A
S
Figure 30: 2-wire byte write (SO/DATA line)
When the host reads data from a register it first has to write access DA9021/22 with the target
register address and then read access DA9021/22 with a Repeated START or alternatively a second
START condition. After receiving the data the host sends Not Acknowledge and terminates the
transmission with a STOP condition:
S
SLAVEadr W
A
REGadr
A
SLAVEadr
A
S = START condition
A = Acknowledge (low)
Sr = Repeated START condition
A
* = Not acknowledge
P = STOP condition
W = Write (low)
R = Read (high)
Master to Slave
7-bits
1-bit
8-bits
7-bits
DATA
A
*
Sr
R
1-bit
8-bits
SLAVEadr
A
7-bits
DATA
P
S
R
1-bit
8-bits
P
A
*
Slave to Master
S
SLAVEadr W
A
REGadr
P
7-bits
1-bit
8-bits
A
Figure 31: Examples of 2-wire byte read (SO/DATA line)
NOTE
The slave address after the Repeated START condition must be the same as the previous slave address.
Consecutive (page) write mode is supported if the master sends several data bytes following a slave
register address. The 2-wire control block then increments the address pointer to the next 2-wire
address, stores the received data and sends an Acknowledge until the master sends the STOP
condition.
S
SLAVEadr W A
REGadr
A
DATA
A
S = START condition
A = Acknowledge (low)
Sr = Repeat START condition
A
* = Not Acknowledge
P = STOP condition
W = Write (low)
R = Read (high)
Master to Slave
Slave to Master
7-bits
1 bit
8-bits
8-bits
DATA
A
1-bit
8-bits
A
P
DATA
……….
A
8-bits
Repeated writes
Figure 32: 2-wire page write (SO/DATA line)
An alternate write mode receiving alternated register address and data can be configured to support
host repeated write operations that access several but non-consecutive registers.
Data will be stored at the previously received register address:
S
SLAVEadr W A
REGadr
A
DATA
A
S = START condition
A = Acknowledge (low)
Sr = Repeat START condition
A
* = Not Acknowledge
P = STOP condition
W = Write (low)
R = Read (high)
Master to Slave
Slave to Master
7-bits
1 bit
8-bits
8-bits
REGadr
A
1-bit
8-bits
A
P
DATA
……….
A
8-bits
Repeated writes
Figure 33: 2-wire repeated write (SO/DATA line)
If a new START or STOP condition occurs within a message, the bus will return to IDLE mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com