Electronic Components Datasheet Search
  English  ▼

X  

DA9021 Datasheet(PDF) 83 Page - Dialog Semiconductor

Part # DA9021
Description  System PMIC with high efficiency USB power manager
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9021 Datasheet(HTML) 83 Page - Dialog Semiconductor

Back Button DA9021 Datasheet HTML 79Page - Dialog Semiconductor DA9021 Datasheet HTML 80Page - Dialog Semiconductor DA9021 Datasheet HTML 81Page - Dialog Semiconductor DA9021 Datasheet HTML 82Page - Dialog Semiconductor DA9021 Datasheet HTML 83Page - Dialog Semiconductor DA9021 Datasheet HTML 84Page - Dialog Semiconductor DA9021 Datasheet HTML 85Page - Dialog Semiconductor DA9021 Datasheet HTML 86Page - Dialog Semiconductor DA9021 Datasheet HTML 87Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 142 page
background image
DA9021/22
System PMIC with high efficiency USB power manager
Datasheet
Revision 2.5
17-Feb-2017
CFR0011-120-00 Rev 5
83 of 142
© 2017 Dialog Semiconductor
16.1 Power sequencer
Table 65: ID 0 to 1
Register
address
Bit
Type
Label
Default
Description
R29
ID_0_1
0
R/W
NRES_MODE
1
0: No assertion of nRESET during
POWERDOWN mode
1: Assert nRESETwhen entering
POWERDOWN mode (release after leaving
POWERDOWN mode)
1
R/W
DEF_SUPPLY
0
When asserted all supplies (beside
LDOCORE) are enabled/disabled from OTP
default mode
2
R/W
0
RESERVED
7:4
R/W
LDO1_STEP
1001
Power sequencer time slot 9
Table 66: ID 2 to 3
Register
address
Bit
Type
Label
Default
Description
R30
ID_2_3
3:0
R/W
0000
RESERVED
7:4
R/W
LDO3_STEP
1000
Power sequencer time slot 8
Table 67: RESERVED
Register
address
Bit
Type
Label
Default
Description
R31
3:0
R/W
0000
RESERVED
7:4
R/W
0000
RESERVED
Table 68: ID 6 to 7
Register
address
Bit
Type
Label
Default
Description
R32
ID_6_7
3:0
R/W
0000
RESERVED
7:4
R/W
LDO7_STEP
0000
Not controlled by power sequencer
Table 69: ID 8 to 9
Register
address
Bit
Type
Label
Default
Description
R33
ID_8_9
3:0
R/W
0000
RESERVED
7:4
R/W
LDO9_STEP
0000
Not controlled by power sequencer
Table 70: ID 10 to 11
Register
address
Bit
Type
Label
Default
Description
R34
ID_10_11
3:0
R/W
LDO10_STEP
0000
Not controlled by power sequencer
7:4
R/W
PD_DIS_STEP
0101
Power sequencer time slot 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com