Electronic Components Datasheet Search
  English  ▼

X  

DA9021 Datasheet(PDF) 84 Page - Dialog Semiconductor

Part # DA9021
Description  System PMIC with high efficiency USB power manager
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9021 Datasheet(HTML) 84 Page - Dialog Semiconductor

Back Button DA9021 Datasheet HTML 80Page - Dialog Semiconductor DA9021 Datasheet HTML 81Page - Dialog Semiconductor DA9021 Datasheet HTML 82Page - Dialog Semiconductor DA9021 Datasheet HTML 83Page - Dialog Semiconductor DA9021 Datasheet HTML 84Page - Dialog Semiconductor DA9021 Datasheet HTML 85Page - Dialog Semiconductor DA9021 Datasheet HTML 86Page - Dialog Semiconductor DA9021 Datasheet HTML 87Page - Dialog Semiconductor DA9021 Datasheet HTML 88Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 142 page
background image
DA9021/22
System PMIC with high efficiency USB power manager
Datasheet
Revision 2.5
17-Feb-2017
CFR0011-120-00 Rev 5
84 of 142
© 2017 Dialog Semiconductor
Table 71: ID 12 to 13
Register
address
Bit
Type
Label
Default
Description
R35
3:0
R/W
0000
RESERVED
7:4
R/W
0000
RESERVED
Table 72: ID 14 to 15
Register
address
Bit
Type
Label
Default
Description
R36
ID_14_15
3:0
R/W
BUCKCORE_STEP
0001
Power sequencer time slot 1
7:4
R/W
BUCKPRO_STEP
0111
Power sequencer time slot 7
Table 73: ID 16 to 17
Register
address
Bit
Type
Label
Default
Description
R37
ID_16_17
3:0
R/W
BUCKMEM_STEP
0000
Not controlled by power sequencer
7:4
R/W
0000
RESERVED
Table 74: ID 18 to 19
Register
address
Bit
Type
Label
Default
Description
R38
ID_18_19
3:0
R/W
GP_RISE1_STEP
0000
Not controlled by power sequencer
7:4
R/W
GP_RISE2_STEP
0000
Not controlled by power sequencer
Table 75: ID 20 to 21
Register
address
Bit
Type
Label
Default
Description
R39
ID_20_21
3:0
R/W
GP_FALL1_STEP
0000
Not controlled by power sequencer
7:4
R/W
GP_FALL2_STEP
0000
Not controlled by power sequencer
Table 76: SEQ status
Register
address
Bit
Type
Label
Default
Description
R40
SEQ_STATUS
3:0
R/W
WAIT_STEP
0000
Not controlled by power sequencer
7:4
R/W
SEQ_POINTER
0000
Actual pointer position (time slot) of power
sequencer
Table 77: SEQ_A
Register
address
Bit
Type
Label
Default
Description
R41
SEQ_A
3:0
R/W
SYSTEM_END
0110
OTP pointer to last supply of domain SYSTEM
7:4
R/W
POWER_END
1001
OTP pointer to last supply of domain POWER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com