Electronic Components Datasheet Search
  English  ▼

X  

DA9021 Datasheet(PDF) 46 Page - Dialog Semiconductor

Part # DA9021
Description  System PMIC with high efficiency USB power manager
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9021 Datasheet(HTML) 46 Page - Dialog Semiconductor

Back Button DA9021 Datasheet HTML 42Page - Dialog Semiconductor DA9021 Datasheet HTML 43Page - Dialog Semiconductor DA9021 Datasheet HTML 44Page - Dialog Semiconductor DA9021 Datasheet HTML 45Page - Dialog Semiconductor DA9021 Datasheet HTML 46Page - Dialog Semiconductor DA9021 Datasheet HTML 47Page - Dialog Semiconductor DA9021 Datasheet HTML 48Page - Dialog Semiconductor DA9021 Datasheet HTML 49Page - Dialog Semiconductor DA9021 Datasheet HTML 50Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 142 page
background image
DA9021/22
System PMIC with high efficiency USB power manager
Datasheet
Revision 2.5
17-Feb-2017
CFR0011-120-00 Rev 5
46 of 142
© 2017 Dialog Semiconductor
11 Functional description
DA9021
Host
processor
nIRQ
nONKEY
nRESET
Vdd
VBUS
DCIN
nSHUTDOWN
GPIO_x
OUT_32K
Control IF
PWR_UP
SYS_UP
Figure 23: Control ports and interface
11.1 Power manager IO ports
The power manager input ports are supplied either from the internal rail VDDCORE or VDD_IO,
selected via PM_I_V. The output ports are supplied from VDD_IO. During the initial start-up
sequence the power manager IO ports are in tri-state mode until being configured from OTP when
leaving RESET mode, except nRESET, nIRQ, PWR_UP/GP_FB2. Output ports are push-pull type
except for nRESET and nIRQ, which can also be configured to open drain.
11.2 On/off (nONKEY)
The nONKEY signal is a level active low wakeup interrupt/event intended to switch-on the
DA9021/22 supplied application. nONKEY is always enabled during POWERDOWN mode, so that
the application can be also switched-on with a disabled GPIO extender. The wakeup event can be
disabled via the interrupt mask M_nONKEY.
11.3 Hardware reset (nSHUTDOWN, nONKEY, GPIO14 & GPIO15)
A user-initiated hard reset at the DA9021/22 nSHUTDOWN is an active low input initiated typically by
a push button switch or an asserted error detection line from a host processor. The sequencer then
powers down all domains in reverse order down to step 0 and all supplies of DA9021/22 except
LDOCORE are switched off.
DA9021/22 includes a second hardware reset that follows the nONKEY after being asserted for a
period of 5 s ± 30 %. The same can be achieved by a parallel connection of GPI14 and GPI15 to
ground for 5 s ± 30 %.
This feature provides the ability to emergency turn-off the application in the event of a software lock-
up without the need for a dedicated RESET hardware switch or removing the battery.
After a minimum time-out of 500 ms DA9021/22 will start to power up again. It will wait for a valid
wakeup event (for example key press) or will start the power sequencer automatically. By asserting
EXT_WAKEUP it can request the host processor to control the subsequent start-up. Alternatively the
power up sequence can be performed autonomously by the PMIC following OTP pre-configurations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com