Electronic Components Datasheet Search
  English  ▼

X  

DA9021 Datasheet(PDF) 69 Page - Dialog Semiconductor

Part # DA9021
Description  System PMIC with high efficiency USB power manager
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9021 Datasheet(HTML) 69 Page - Dialog Semiconductor

Back Button DA9021 Datasheet HTML 65Page - Dialog Semiconductor DA9021 Datasheet HTML 66Page - Dialog Semiconductor DA9021 Datasheet HTML 67Page - Dialog Semiconductor DA9021 Datasheet HTML 68Page - Dialog Semiconductor DA9021 Datasheet HTML 69Page - Dialog Semiconductor DA9021 Datasheet HTML 70Page - Dialog Semiconductor DA9021 Datasheet HTML 71Page - Dialog Semiconductor DA9021 Datasheet HTML 72Page - Dialog Semiconductor DA9021 Datasheet HTML 73Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 142 page
background image
DA9021/22
System PMIC with high efficiency USB power manager
Datasheet
Revision 2.5
17-Feb-2017
CFR0011-120-00 Rev 5
69 of 142
© 2017 Dialog Semiconductor
Register
address
Bit
Type
Label
Default
Description
ready caused nIRQ
6
R/W
1
RESERVED
7
R/W
1
RESERVED
Table 50: IRQ_MASK_C
Register
address
Bit
Type
Label
Default
Descrition
R12
IRQ_MASK_C
0
R/W
M_GPI0
0
Mask GPI caused/ ADCIN4 high / low
threshold exceeded caused nIRQ
1
R/W
M_GPI1
0
Mask GPI caused/ ADCIN5 high / low
threshold exceeded caused nIRQ,
assert for LDO hardware control
2
R/W
1
RESERVED
3
R/W
1
RESERVED
4
R/W
1
RESERVED
5
R/W
1
RESERVED
6
R/W
1
RESERVED
7
R/W
1
RESERVED
Table 51: IRQ_MASK_D
Register
address
Bit
Type
Label
Default
Description
R13
IRQ_MASK_D
0
R/W
M_GPI8
0
Mask GPI/SYS_EN caused nIRQ
1
R/W
M_GPI9
0
Mask GPI/PWR_EN caused nIRQ
2
R/W
M_GPI10
0
Mask GPI/PWR1_EN caused nIRQ
3
R/W
1
RESERVED
4
R/W
M_GPI12
0
Mask GPI caused nIRQ, assert for LDO
hardware control
5
R/W
M_GPI13
0
Mask GPI caused nIRQ
6
R/W
M_GPI14
0
Mask GPI/HS-2-wire caused nIRQ
7
R/W
M_GPI15
0
Mask GPI caused nIRQ
Table 52: CONTROL_A
Register
address
Bit
Type
Label
Default
Description
R14
CONTROL_A
0
R/W
SYS_EN
Note 1
1
Target status of power domain
SYSTEM:
state of GPI8 (OTP default ignored) or
configuration from OTP/PM interface
(depended on setting at GPIO_8_PIN)
1
R/W
PWR_EN
Note 2
1
Target status of power domain POWER:
state of GPI9 (OTP default ignored) or
configuration from OTP/PM interface
(depended on setting at GPIO_9_PIN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com