Electronic Components Datasheet Search
  English  ▼

X  

DA9021 Datasheet(PDF) 11 Page - Dialog Semiconductor

Part # DA9021
Description  System PMIC with high efficiency USB power manager
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9021 Datasheet(HTML) 11 Page - Dialog Semiconductor

Back Button DA9021 Datasheet HTML 7Page - Dialog Semiconductor DA9021 Datasheet HTML 8Page - Dialog Semiconductor DA9021 Datasheet HTML 9Page - Dialog Semiconductor DA9021 Datasheet HTML 10Page - Dialog Semiconductor DA9021 Datasheet HTML 11Page - Dialog Semiconductor DA9021 Datasheet HTML 12Page - Dialog Semiconductor DA9021 Datasheet HTML 13Page - Dialog Semiconductor DA9021 Datasheet HTML 14Page - Dialog Semiconductor DA9021 Datasheet HTML 15Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 142 page
background image
DA9021/22
System PMIC with high efficiency USB power manager
Datasheet
Revision 2.5
17-Feb-2017
CFR0011-120-00 Rev 5
11 of 142
© 2017 Dialog Semiconductor
3
Generated supply domains
The default voltages in Table 1 indicate the voltages obtained from an un-programmed device.
Table 1: Regulator overview
Regulator
Supplied voltage
Supplied
max.
current
(mA)
External
component
Notes
BUCKCORE
0.5 V to 2.075 V
±3 % accuracy
default 1.8 V
700
2.2 µH to 4.7 µH
DVC, 2 MHz, 25 mV steps,
DVC ramp with controlled slew rate;
pull-down resistor switch off
800
Between DVC transitions
BUCKPRO
DA9021 only
0.5 V to 2.075 V
±3 % accuracy
default 1.2 V
700
2.2 µH to 4.7 µH
DVC, 2 MHz, 25 mV steps,
DVC ramp with controlled slew rate,
pull-down resistor switch off
800
Between DVC transitions
BUCKPERI
DA9022 only
1.8 V to 3.6 V
±3 % accuracy
default 3.3 V
650
2.2 µH to 4.7 µH
2 MHz, 50 or 100 mV steps
At low input voltages the buck switches
to a follower mode (100 % duty cycle),
second output with sequencer
controllable switch
750
< 2.1 V
BUCKMEM
0.95 V to 2.525 V
±3 % accuracy
default 2.0 V
650
2.2 µH to 4.7 µH
DVC, 2 MHz, 25 mV steps,
DVC ramp with controlled slew rate,
pull-down resistor switch off
750
< 2.075 V and between DVC transitions
LDO1
0.6 V to 1.8 V
±3 % accuracy
default 1.2 V
40
1.0 µF
High PSSR, low noise LDO, 50 mV
steps, pull-down resistor switch off
LDO3
1.725 V to 3.3 V
±3 % accuracy
default 2.85 V
200
2.2 µF
DVC, digital LDO, 25 mV steps, DVC
with controlled slew rate
LDO7
1.2 V to 3.6 V
±3% accuracy
default 3.1 V
200
2.2 µF
High PSRR, low noise, 50 mV steps
LDO9
1.25 V to 3.6 V
±1 % accuracy
default 2.5 V
100
1.0 µF
High PSRR, low noise, 50 mV steps,
OTP trimmed, optional hardware
control, common supply with LDOE
LDO10
1.2 V to 3.6 V
±3 % accuracy
default 1.8 V
250
2.2 µF
High PSRR, low noise, 50 mV steps,
common supply with LDOD
LDOCORE
2.5 V
±2 % accuracy
4
100 nF
Not for external use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com