Electronic Components Datasheet Search
  English  ▼

X  

DA9021 Datasheet(PDF) 99 Page - Dialog Semiconductor

Part # DA9021
Description  System PMIC with high efficiency USB power manager
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9021 Datasheet(HTML) 99 Page - Dialog Semiconductor

Back Button DA9021 Datasheet HTML 95Page - Dialog Semiconductor DA9021 Datasheet HTML 96Page - Dialog Semiconductor DA9021 Datasheet HTML 97Page - Dialog Semiconductor DA9021 Datasheet HTML 98Page - Dialog Semiconductor DA9021 Datasheet HTML 99Page - Dialog Semiconductor DA9021 Datasheet HTML 100Page - Dialog Semiconductor DA9021 Datasheet HTML 101Page - Dialog Semiconductor DA9021 Datasheet HTML 102Page - Dialog Semiconductor DA9021 Datasheet HTML 103Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 142 page
background image
DA9021/22
System PMIC with high efficiency USB power manager
Datasheet
Revision 2.5
17-Feb-2017
CFR0011-120-00 Rev 5
99 of 142
© 2017 Dialog Semiconductor
Register
address
Bit
Type
Label
Default
Description
000111: 1.55 V
001000: 1.60 V
001001: 1.65 V
001010: 1.70 V
001011: 1.75 V
001100: 1.80 V
001101: 1.85 V
001110: 1.90 V
001111: 1.95 V
010000: 2.00 V
010001: 2.05 V
010010: 2.10 V
010011: 2.15 V
010100: 2.20 V
010101: 2.25 V
010110: 2.30 V
010111: 2.35 V
011000: 2.40 V
011001: 2.45 V
011010: 2.50 V
011011: 2.55 V
011100: 2.60 V
011101: 2.65 V
011110: 2.70 V
011111: 2.75 V
100000: 2.80 V
100001: 2.85 V
100010: 2.90 V
100011: 2.95 V
100100: 3.00 V
100101: 3.05 V
100110: 3.10 V
100111: 3.15 V
101000: 3.20 V
101001: 3.25 V
101010: 3.30 V
101011: 3.35 V
101100: 3.40 V
101101: 3.45 V
101110: 3.50 V
101111: 3.55 V
110000: 3.60 V
>110000: 3.60 V
6
R/W
LDO7_EN
0
0: LDO7 disabled
1: LDO7 enabled
7
R/W
LDO7_CO
NF
0
0: Supply voltage immediate change
1: Supply voltage preset (activated during
power down sequence instead of disable)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com