Electronic Components Datasheet Search
  English  ▼

X  

DA9021 Datasheet(PDF) 72 Page - Dialog Semiconductor

Part # DA9021
Description  System PMIC with high efficiency USB power manager
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9021 Datasheet(HTML) 72 Page - Dialog Semiconductor

Back Button DA9021 Datasheet HTML 68Page - Dialog Semiconductor DA9021 Datasheet HTML 69Page - Dialog Semiconductor DA9021 Datasheet HTML 70Page - Dialog Semiconductor DA9021 Datasheet HTML 71Page - Dialog Semiconductor DA9021 Datasheet HTML 72Page - Dialog Semiconductor DA9021 Datasheet HTML 73Page - Dialog Semiconductor DA9021 Datasheet HTML 74Page - Dialog Semiconductor DA9021 Datasheet HTML 75Page - Dialog Semiconductor DA9021 Datasheet HTML 76Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 142 page
background image
DA9021/22
System PMIC with high efficiency USB power manager
Datasheet
Revision 2.5
17-Feb-2017
CFR0011-120-00 Rev 5
72 of 142
© 2017 Dialog Semiconductor
Table 55: CONTROL_D
Register
address
Bit
Type
Label
Default
Description
R17
CONTROL_D
2:0
4
R/W
nONKEY_SD
0
0: Disables shutdown via nONKEY
1: Enables shutdown via nONKEY
5
R/W
GPI14_15_SD
0
0: Disables shutdown via parallel
assertion of GPI14 and GPI15
1: Enables shutdown via GPI14 & GPI15
6
Reserved
0
Table 56: PD_DIS
Register
address
Bit
Type
Label
Default
Description
R18
PD_DIS
0
R/W
GPIO_PD
0
0: GPIO extender enabled during
POWERDOWN
1: Auto-Disable of features configured
as GPIO pins during POWERDOWN
mode and force the detection of a
pending Active state on GPIs by re-
enabling the pin through a passive state
of the related GPI status register
1
R/W
GP-ADC_PD
1
0: ADC/TSI measurements continue
during POWERDOWN as configured
1: Auto-Disable auto measurements on
A4, A5, A6, A7(TSI) and manual
measurement on all channels during
POWERDOWN mode; if no auto
measurements for charging and on A0
are required switch off the ADC
completely
2
R/W
PM-IF_PD
1
0: Power manager interface not disabled
during POWERDOWN
1: Auto-Disable of Power manager
interface during POWERDOWN mode
3
R/W
HS-2-wire_PD
1
0: HS-2-wire not disabled during
POWERDOWN
1: Auto-Disable of HS-2-wire interface
during POWERDOWN mode
4
R/W
CHG_PD
0
0: Enables battery charging during
POWERDOWN
1: Auto-Disable battery charging during
POWERDOWN mode
5
R/W
1
RESERVED
6
R/W
OUT_32K_PD
1
0: Enables OUT_32K during
POWERDOWN
1: Auto-Disable OUT_32K output buffer
during POWERDOWN mode and auto-
enable during power-up from NO-
POWER mode when executing this ID
7
R/W
PM-CONT_PD
0
0: SYS_EN, PWR_EN, PWR1_EN
enabled during POWERDOWN
1: Auto-Disable of SYS_EN, PWR_EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com