Electronic Components Datasheet Search
  English  ▼

X  

DA9021 Datasheet(PDF) 95 Page - Dialog Semiconductor

Part # DA9021
Description  System PMIC with high efficiency USB power manager
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9021 Datasheet(HTML) 95 Page - Dialog Semiconductor

Back Button DA9021 Datasheet HTML 91Page - Dialog Semiconductor DA9021 Datasheet HTML 92Page - Dialog Semiconductor DA9021 Datasheet HTML 93Page - Dialog Semiconductor DA9021 Datasheet HTML 94Page - Dialog Semiconductor DA9021 Datasheet HTML 95Page - Dialog Semiconductor DA9021 Datasheet HTML 96Page - Dialog Semiconductor DA9021 Datasheet HTML 97Page - Dialog Semiconductor DA9021 Datasheet HTML 98Page - Dialog Semiconductor DA9021 Datasheet HTML 99Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 142 page
background image
DA9021/22
System PMIC with high efficiency USB power manager
Datasheet
Revision 2.5
17-Feb-2017
CFR0011-120-00 Rev 5
95 of 142
© 2017 Dialog Semiconductor
Register
address
Bit
Type
Label
Default
Description
100100: 1.850 V
100101: 1.875 V
100110: 1.900 V
100111: 1.925 V
101000: 1.950 V
101001: 1.975 V
101010: 2.000 V
101011: 2.025 V
101100: 2.050 V
101101: 2.075 V
101110: 2.100 V
101111: 2.125 V
110000: 2.150 V
110001: 2.175 V
110010: 2.200 V
110011: 2.225 V
110100: 2.250 V
110101: 2.275 V
110110: 2.300 V
110111: 2.325 V
111000: 2.350 V
111001: 2.375 V
111010: 2.400 V
111011: 2.425 V
111100: 2.450 V
111101: 2.475 V
111110: 2.500 V
111111: 2.525 V
6
R/W
BMEM_EN
0
0: BUCKMEM disabled
1: BUCKMEM enabled
7
R/W
BMEM_CO
NF
0
0: Voltage ramped after assertion of
VB_MEM_GO
1: Supply voltage preset
Table 86: BUCKPERI
Register
address
Bit
Type
Label
Default
Description
R49
BUCKPERI
4:0
R/W
VBPERI
11011
00000: 1.8 V
00001: 1.85 V
00010: 1.9 V
00011: 1.95 V
00100: 2.0 V
00101: 2.05 V
00110: 2.1 V
00111: 2.15 V
01000: 2.2 V
01001: 2.25 V
01010: 2.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com