Electronic Components Datasheet Search
  English  ▼

X  

DA9021 Datasheet(PDF) 70 Page - Dialog Semiconductor

Part # DA9021
Description  System PMIC with high efficiency USB power manager
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9021 Datasheet(HTML) 70 Page - Dialog Semiconductor

Back Button DA9021 Datasheet HTML 66Page - Dialog Semiconductor DA9021 Datasheet HTML 67Page - Dialog Semiconductor DA9021 Datasheet HTML 68Page - Dialog Semiconductor DA9021 Datasheet HTML 69Page - Dialog Semiconductor DA9021 Datasheet HTML 70Page - Dialog Semiconductor DA9021 Datasheet HTML 71Page - Dialog Semiconductor DA9021 Datasheet HTML 72Page - Dialog Semiconductor DA9021 Datasheet HTML 73Page - Dialog Semiconductor DA9021 Datasheet HTML 74Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 142 page
background image
DA9021/22
System PMIC with high efficiency USB power manager
Datasheet
Revision 2.5
17-Feb-2017
CFR0011-120-00 Rev 5
70 of 142
© 2017 Dialog Semiconductor
Register
address
Bit
Type
Label
Default
Description
2
R/W
PWR1_EN
Note 3
0
Target status of power domain
POWER1:
state of GPI10 (OTP default ignored) or
configuration from OTP/PM interface
(depended on setting at GPIO_10_PIN)
4
R/W
PM_I_V
0
nONKEY, nSHUTDOWN, SYS_EN,
PWR_EN, PWR1_EN are supplied from:
0: VDDCORE
1: VDD_IO
6
R/W
PM_O_TYPE
0
nRESET, nIRQ output are:
0: Push-pull
1: Open drain
7
R/W
GPI_V
0
GPIs (not configured as PM control
inputs) are supplied from:
0: VDDCORE
1: VDD_IO
Note 1
SYS_EN hardware control can be configured as high or low active via GPIO_8_TYPE
Note 2
PWR_EN hardware control can be configured as high or low active via GPIO_9_TYPE
Note 3
PWR1_EN hardware control can be configured as high or low active via GPIO_10_TYPE
Table 53: CONTROL_B
Register
address
Bit
Type
Label
Default
Description
R15
CONTROL_B
0
R/W
BUCK_MERGE
0
Has to be set if the outputs of
BUCKCORE and BUCKPRO are
merged towards a single coil; the control
from BUCKPRO registers is disabled
1
R/W
ACT_DIODE
0
Battery provides power
0: through internal active diode path
(mandatory, if no external FET
connected!)
1: through internal active diode and
external power FET
2
R/W
AUTO_BOOT
1
0: Start-up of power sequencer after
progressing from RESET mode requires
a valid wakeup event
1: PMIC automatically starts power
sequencer after progressing from
RESET mode
3
R/W
OTPREAD_EN
1
0: OTP read after POWERDOWN mode
disabled
1: Power supplies are configured with
OTP values when leaving
POWERDOWN mode
5
R/W
WRITE_MODE
1
2-wire multiple write mode (setting used
for both 2-wire interfaces)
0: Page Write mode
1: Repeated Write mode
6
R/W
DEEP_SLEEP
0
If set to ‘1’ DA9021/22 goes to deep
sleep mode (sequencer stops at pointer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com