| Electronic Components Datasheet Search |
|
DA9021 Datasheet(PDF) 61 Page - Dialog Semiconductor |
|
|
|||||||||||||||||||||||||||||
DA9021 Datasheet(HTML) 61 Page - Dialog Semiconductor |
|
61 / 142 page ![]() DA9021/22 System PMIC with high efficiency USB power manager Datasheet Revision 2.5 17-Feb-2017 CFR0011-120-00 Rev 5 61 of 142 © 2017 Dialog Semiconductor All buck converters and five LDOs of DA9021/22 have received a unique sequencer ID. The power- up sequence is then defined by an OTP register bank that contains a series of supplies (and other features) which are pointing towards a sequencer time slot. Several supplies can point in to the same time slot and by that will be enabled by the sequencer in parallel. Time slots that have no IDs pointing towards it are dummy steps that insert a configurable time delay (marked as ‘D’ in Figure 36). Supplies that are not pointing towards a sequencer time slot (with a step number greater than zero and less than MAX_COUNT) will not be enabled by the power sequencer and have to be controlled individually by the host (via the power manager bus). OTP Step 0 LSB If asserted all supplies are set to default mode when processing step 0 (beside LDOCORE) 0 0 0 0 OTP Step 1 - 15 4-bit 0 0 0 0 0: Dummy (do nothing) 1 – 15: Enable supply described by ID 0: No assertion of nRESET during POWER-DOWN mode 1: Start reset timer from selected event during powering up Not used Not used MSB Configure sequencer Figure 35: Content of OTP power sequencer register cell During power-up the sequencer will start at step 0 where the sequencer behaviour is configured. If DEF_SUPPLY is asserted this includes an optional enabling of supplies (depending on the OTP default settings of the supplies). If SYS_EN was asserted via port (or OTP) the sequencer will assert the READY signal (if selected for the feedback pin) and continue with step 1 which enables all supplies (features) from the OTP register bank that are pointing towards step 1. The sequencer will progress until it has reached the position of pointer SYSTEM_END. Now all supplies of the first power domain SYSTEM are enabled and DA9021/22 will release the READY signal and assert the E_SEQ_RDY interrupt. NOTE It is recommended that supplies having an asserted ENABLE bit in the OTP are not controlled via IDs of the power sequencer if DEF_SUPPLY is asserted (IDs of these supplies should point into time slot 0). Table 37: Power sequencer controlled actions Action Sequencer time slot Comment Step 0: Configure power sequencer ID_0 LDO1_EN LDO1_STEP LDO3_EN LDO3_STEP LDO7_EN LDO7_STEP LDO9_EN LDO9_STEP LDO10_EN LDO10_STEP PD_DIS PD_DIS_STEP BCORE_EN BUCKCORE_STEP BPRO_EN BUCKPRO_STEP DA9021 only BMEM_EN BUCKMEM_STEP BPERI_EN BUCKPERI_STEP DA9021 only |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |