Electronic Components Datasheet Search
  English  ▼

X  

DA9021 Datasheet(PDF) 86 Page - Dialog Semiconductor

Part # DA9021
Description  System PMIC with high efficiency USB power manager
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9021 Datasheet(HTML) 86 Page - Dialog Semiconductor

Back Button DA9021 Datasheet HTML 82Page - Dialog Semiconductor DA9021 Datasheet HTML 83Page - Dialog Semiconductor DA9021 Datasheet HTML 84Page - Dialog Semiconductor DA9021 Datasheet HTML 85Page - Dialog Semiconductor DA9021 Datasheet HTML 86Page - Dialog Semiconductor DA9021 Datasheet HTML 87Page - Dialog Semiconductor DA9021 Datasheet HTML 88Page - Dialog Semiconductor DA9021 Datasheet HTML 89Page - Dialog Semiconductor DA9021 Datasheet HTML 90Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 142 page
background image
DA9021/22
System PMIC with high efficiency USB power manager
Datasheet
Revision 2.5
17-Feb-2017
CFR0011-120-00 Rev 5
86 of 142
© 2017 Dialog Semiconductor
17 Voltage regulators
Three types of low dropout regulators are integrated on the DA9021/22, each optimised for
performance depending on the most critical parameter of the circuitry supplied. For high performance
analogue supplies (for example audio) the regulators have been designed to offer high PSRR and
low noise, for the digital supplies PSRR is relaxed saving quiescent current and for the PMIC
core/RTC supplies quiescent current has been optimised as the most important performance
parameters. The regulators employ Dialog Semiconductor’s Smart Mirror™ dynamic biasing,
removing the need for a low power operating mode and associated software or hardware overhead.
Smart Mirror™ technology guarantees a high phase margin within the regulator control loop and has
been designed to offer stable performance with small output capacitances over a wide range of
output currents. The circuit technique offers significantly higher gain bandwidth performance than
conventional designs, enabling higher power supply rejection performance at higher frequencies.
PSRR is also maintained across the full operating current range however quiescent current
consumption is scaled to demand giving improved efficiency when current demand is low.
Figure 39: Smart Mirror
™ voltage regulator
The regulator output voltages are fully programmable via the control interface allowing optimisation of
the complete system for maximum performance and power efficiency. For security reasons the re-
programming of output voltages from the control interfaces can be disabled. The default output
voltage is loaded from after start-up from OTP.
A power saving mode is not required for the LDOs due to the use of dynamic biasing in the LDO
internal circuitry, so when operating at low current, the quiescent current taken by the regulator is
automatically minimised. LDO1 to LDO10 can optionally be supplied from a buck output (VDD <
2.8 V), in this mode some specification parameters will change.
LDO1 to LDO10 can be controlled inside the power manager sequence. If enabled at sequencer step
0 (bit DEF_SUPPLY) supplies can be default enabled via OTP whenever the sequencer passes step
0 (OTP settings are used). To limit the battery rush current it is recommended that no more than one
supply (including bucks) is enabled at step 0
When powering down (for example to POWERDOWN mode) sequencer controlled supplies can be
pre-configured with a new target voltage (LDOx_CONF bit is set). If LDOx_CONF was asserted in



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com