Electronic Components Datasheet Search
  English  ▼

X  

DA9021 Datasheet(PDF) 85 Page - Dialog Semiconductor

Part # DA9021
Description  System PMIC with high efficiency USB power manager
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9021 Datasheet(HTML) 85 Page - Dialog Semiconductor

Back Button DA9021 Datasheet HTML 81Page - Dialog Semiconductor DA9021 Datasheet HTML 82Page - Dialog Semiconductor DA9021 Datasheet HTML 83Page - Dialog Semiconductor DA9021 Datasheet HTML 84Page - Dialog Semiconductor DA9021 Datasheet HTML 85Page - Dialog Semiconductor DA9021 Datasheet HTML 86Page - Dialog Semiconductor DA9021 Datasheet HTML 87Page - Dialog Semiconductor DA9021 Datasheet HTML 88Page - Dialog Semiconductor DA9021 Datasheet HTML 89Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 142 page
background image
DA9021/22
System PMIC with high efficiency USB power manager
Datasheet
Revision 2.5
17-Feb-2017
CFR0011-120-00 Rev 5
85 of 142
© 2017 Dialog Semiconductor
Table 78: SEQ_B
Register
address
Bit
Type
Label
Default
Description
R42
SEQ_B
3:0
R/W
MAX_COUNT
1001
OTP pointer to last supply of domain POWER1
7:4
R/W
PART_DOWN
0100
OTP pointer for partial POWERDOWN mode
Table 79: SEQ timer
Register
address
Bit
Type
Label
Default
Description
R43
SEQ_TIMER
3:0
R/W
SEQ_TIME
0011
0000: 32 µs
0001: 64 µs
0010: 96 µs
0011: 128 µs
0100: 160 µs
0101: 192 µs
0110: 224 µs
0111: 256 µs
1000: 288 µs
1001: 384 µs
1010: 448 µs
1011: 512 µs
1100: 1.024 ms
1101: 2.048 ms
1110: 4.096 ms
1111: 8.192 ms
7:4
R/W
SEQ_DUMMY
0011
0000: 32 µs
0001: 64 µs
0010: 96 µs
0011: 128 µs
0100: 160 µs
0101: 192 µs
0110: 224 µs
0111: 256 µs
1000: 288 µs
1001: 384 µs
1010: 448 µs
1011: 512 µs
1100: 1.024 ms
1101: 2.048 ms
1110: 4.096 ms
1111: 8.192 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com