Electronic Components Datasheet Search
  English  ▼

X  

DA9021 Datasheet(PDF) 58 Page - Dialog Semiconductor

Part # DA9021
Description  System PMIC with high efficiency USB power manager
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9021 Datasheet(HTML) 58 Page - Dialog Semiconductor

Back Button DA9021 Datasheet HTML 54Page - Dialog Semiconductor DA9021 Datasheet HTML 55Page - Dialog Semiconductor DA9021 Datasheet HTML 56Page - Dialog Semiconductor DA9021 Datasheet HTML 57Page - Dialog Semiconductor DA9021 Datasheet HTML 58Page - Dialog Semiconductor DA9021 Datasheet HTML 59Page - Dialog Semiconductor DA9021 Datasheet HTML 60Page - Dialog Semiconductor DA9021 Datasheet HTML 61Page - Dialog Semiconductor DA9021 Datasheet HTML 62Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 142 page
background image
DA9021/22
System PMIC with high efficiency USB power manager
Datasheet
Revision 2.5
17-Feb-2017
CFR0011-120-00 Rev 5
58 of 142
© 2017 Dialog Semiconductor
● a write to register R106 will end the first programming sequence
● a write to register R61 will end the second programming sequence
During these programming sequences any registers can be written to in any order The sequence will
terminate after the appropriate release register has been written to.
NOTE
To correctly configure DA9021/22 registers, R10 to R105 should be programmed during the first sequence and
FAULT LOG register (R9) bit VDD_FAULT has to be cleared
by writing a ‘1’. Registers R14 and R43 to R61
should be programmed during the second sequence.
The host can determine whether DA9021/22 is in the first or second programming sequence by
reading the FAULT LOG register. If a read of the FAULT LOG register bit VDD_FAULT returns a
zero, then the DA9021/22 is in the second programming sequence otherwise it is in the first.
After the first programming sequence has been completed DA9021/22 will be in POWERDOWN
mode. Progression from this mode is determined by the values programmed for SYS_EN and
AUTO_BOOT.
If DA9021/22 has been directed to progress from POWERDOWN mode then it will drive pin
nVDD_FAULT low for a second time to request that the software performs the second programming
sequence.
Once the second programming sequence has completed, the progress of the power-up sequence will
be controlled by the values loaded during the programming sequence.
The programmed configuration can be identified by reading the fuse register CONFIG_ID.
NOTE
During POWER COMMANDER mode the fault detection status bit VDD_FAULT and the level at the related pin
nVDD-FAULT do not match and do not indicate a low voltage level at VDDOUT. An enabled shutdown from the
5 s assertion of GPIO14/15 will be ignored during POWER COMMANDER mode.
13.6 Start up from NO POWER mode
13.6.1
Power-On-Reset (nPOR)
To guarantee the correct start-up of DA9021/22 an internal power-on-reset nPOR (active low) is
generated for the initial connection of either a supply or a good battery following a phase of not being
supplied with sufficient power. To allow DA9021/22 to start up even if the main battery is completely
discharged an internal VDDREF rail is used to supply the charger blocks, comparators and the
control logic. If no charger is present VDD_REF is switched to the main battery
While VDDCORE < VPOR_UPPER the internal nPOR is asserted and DA9021/22 will not switch on
(NO-POWER mode). When VDDCORE rises above VPOR_UPPER the nPOR is negated,
LDOCORE will be switched on, the BCD counter and FAULT_LOG register is reset and DA9021/22
progresses to RESET mode.
When an external charger is detected (rising edge on VBUS_DET) having no or only a deep
discharged main battery connected to DA9021/22 the internal charger, oscillator and bandgap are
enabled and the whole OTP trim block is read and stored to the register bank. If the supply voltage is
below the charger detection threshold (VCH_THR) after a debouncing period of tdelay (10 ms to
allow for de-bouncing of the input signal and the bandgap reference to settle) the device returns to
RESET mode.
If the external charger is still present and the CHG_ATT comparator flags a minimum of 100 mV
head room from charger input VCENTER to VDDOUT, DA9021/22 starts up the charger buck to
supply VDDOUT at the default current limit (loaded from OTP) and starts supplying power to
VDDOUT, which enables an application start-up also with a flat battery. When VDDOUT rises above
VDDOUT_MIN DA9021/22 enters the POWERDOWN mode. If this does not happen within 128 ms it
will return to RESET mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com