Electronic Components Datasheet Search
  English  ▼

X  

DA9021 Datasheet(PDF) 6 Page - Dialog Semiconductor

Part # DA9021
Description  System PMIC with high efficiency USB power manager
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9021 Datasheet(HTML) 6 Page - Dialog Semiconductor

Back Button DA9021 Datasheet HTML 2Page - Dialog Semiconductor DA9021 Datasheet HTML 3Page - Dialog Semiconductor DA9021 Datasheet HTML 4Page - Dialog Semiconductor DA9021 Datasheet HTML 5Page - Dialog Semiconductor DA9021 Datasheet HTML 6Page - Dialog Semiconductor DA9021 Datasheet HTML 7Page - Dialog Semiconductor DA9021 Datasheet HTML 8Page - Dialog Semiconductor DA9021 Datasheet HTML 9Page - Dialog Semiconductor DA9021 Datasheet HTML 10Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 142 page
background image
DA9021/22
System PMIC with high efficiency USB power manager
Datasheet
Revision 2.5
17-Feb-2017
CFR0011-120-00 Rev 5
6 of 142
© 2017 Dialog Semiconductor
Figure 39: Smart Mirror
™ voltage regulator........................................................................................ 86
Figure 40: DC-DC buck converter ....................................................................................................... 88
Figure 41: BUCKCORE merged with BUCKPRO ............................................................................... 90
Figure 42: BUCKPERI BYPASS mode ............................................................................................... 91
Figure 43: Charger block diagram ..................................................................................................... 104
Figure 44: Charger detection............................................................................................................. 105
Figure 45: DCCC & active diode operation ....................................................................................... 108
Figure 46: ADC block diagram .......................................................................................................... 114
Figure 47: ADC sequence ................................................................................................................. 115
Figure 48: DA9021/22 package outline drawing ............................................................................... 133
Figure 49: Line regulation.................................................................................................................. 140
Figure 50: Load regulation................................................................................................................. 140
Tables
Table 1: Regulator overview................................................................................................................ 11
Table 2: Pin description for DA9021.................................................................................................... 14
Table 3: Pin description for DA9022.................................................................................................... 17
Table 4: Pin type definition .................................................................................................................. 19
Table 5: Absolute maximum ratings .................................................................................................... 20
Table 6: Recommended operating conditions..................................................................................... 21
Table 7: Current consumption ............................................................................................................. 21
Table 8: Digital I/O (VDD_REF > 2.8 V) .............................................................................................. 22
Table 9: GPIOs .................................................................................................................................... 23
Table 10: Power on reset .................................................................................................................... 23
Table 11: 4-wire timing ........................................................................................................................ 24
Table 12: Oscillator.............................................................................................................................. 24
Table 13: Reference voltage generation and temperature supervision .............................................. 25
Table 14: LDO1 ................................................................................................................................... 25
Table 15: LDO3 ................................................................................................................................... 26
Table 16: LDO7 ................................................................................................................................... 27
Table 17: LDO9 ................................................................................................................................... 28
Table 18: LDO10 ................................................................................................................................. 29
Table 19: LDOCORE (Ta = -25 ºC to +85 ºC) ..................................................................................... 30
Table 20: BUCKCORE ........................................................................................................................ 31
Table 21: BUCKPRO (DA9021 only)................................................................................................... 32
Table 22: BUCKPERI (DA9022 only) .................................................................................................. 34
Table 23: BUCKMEM .......................................................................................................................... 35
Table 24: Battery charger .................................................................................................................... 37
Table 25: Charger buck ....................................................................................................................... 37
Table 26: Voltage levels on VBAT....................................................................................................... 38
Table 27: Charging modes .................................................................................................................. 38
Table 28: Charger detection circuit ..................................................................................................... 39
Table 29: VBUS charge control ........................................................................................................... 39
Table 30: Charge timer........................................................................................................................ 39
Table 31: DCCC and active-diode....................................................................................................... 39
Table 32: Oscillator (TA = -25 ºC to +85 ºC) ........................................................................................ 40
Table 33: Reference voltage generation and temperature supervision (TA = -25 ºC to +85 ºC) ......... 40
Table 34: 4-wire clock configurations .................................................................................................. 50
Table 35: 4-wire interface summary .................................................................................................... 52
Table 36: Wakeup events.................................................................................................................... 60
Table 37: Power sequencer controlled actions ................................................................................... 61
Table 38: Register page control .......................................................................................................... 65
Table 39: STATUS_A .......................................................................................................................... 65
Table 40: STATUS_B .......................................................................................................................... 65
Table 41: STATUS_C.......................................................................................................................... 66
Table 42: STATUS_D.......................................................................................................................... 66
Table 43: EVENT_A ............................................................................................................................ 66
Table 44: EVENT_B ............................................................................................................................ 67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com