Electronic Components Datasheet Search
  English  ▼

X  

DA9021 Datasheet(PDF) 52 Page - Dialog Semiconductor

Part # DA9021
Description  System PMIC with high efficiency USB power manager
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9021 Datasheet(HTML) 52 Page - Dialog Semiconductor

Back Button DA9021 Datasheet HTML 48Page - Dialog Semiconductor DA9021 Datasheet HTML 49Page - Dialog Semiconductor DA9021 Datasheet HTML 50Page - Dialog Semiconductor DA9021 Datasheet HTML 51Page - Dialog Semiconductor DA9021 Datasheet HTML 52Page - Dialog Semiconductor DA9021 Datasheet HTML 53Page - Dialog Semiconductor DA9021 Datasheet HTML 54Page - Dialog Semiconductor DA9021 Datasheet HTML 55Page - Dialog Semiconductor DA9021 Datasheet HTML 56Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 142 page
background image
DA9021/22
System PMIC with high efficiency USB power manager
Datasheet
Revision 2.5
17-Feb-2017
CFR0011-120-00 Rev 5
52 of 142
© 2017 Dialog Semiconductor
A0
A6
A5
A4
A3
A2
A1
R/Wn
D0
D6
D5
D4
D3
D2
D1
D7
nCS
SK
SI
SO
4-WIRE WRITE
A0
A6
A5
A4
A3
A2
A1
R/Wn
nCS
SK
SI
SO
4-WIRE READ
D0
D6
D5
D4
D3
D2
D1
D7
latch data
HI-Z
Figure 28: 4-wire host write and r
ead timing (nCS_POL = ‘0’, CPOL = ‘1’, CPHA = ‘1’)
Table 35: 4-wire interface summary
PARAMETER
Signal lines
nCS
Chip select
SI Serial input data
Master out Slave in
SO Serial output data
Master in Slave out
SK
Transmission clock
Interface
Push-pull with tristate
Supply voltage
VDD_IO
1.6 V to 3.3 V
Data rate
Effective read/write data
Up to 7 Mbps
Transmission
Half-duplex
MSB first
16-bit cycles
7-bit address, 1-bit read/write, 8-bit
data
Configuration
CPOL
Clock polarity
CPHA
Clock phase
NCS is active low/high
NOTE
Reading the same register at high clock rates directly after writing it does not guarantee a correct value. It is
recommended to keep a delay of one frame until re-accessing a register that has just been written (for example
by writing/reading another register address in between).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com