Electronic Components Datasheet Search
  English  ▼

X  

DA9021 Datasheet(PDF) 48 Page - Dialog Semiconductor

Part # DA9021
Description  System PMIC with high efficiency USB power manager
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9021 Datasheet(HTML) 48 Page - Dialog Semiconductor

Back Button DA9021 Datasheet HTML 44Page - Dialog Semiconductor DA9021 Datasheet HTML 45Page - Dialog Semiconductor DA9021 Datasheet HTML 46Page - Dialog Semiconductor DA9021 Datasheet HTML 47Page - Dialog Semiconductor DA9021 Datasheet HTML 48Page - Dialog Semiconductor DA9021 Datasheet HTML 49Page - Dialog Semiconductor DA9021 Datasheet HTML 50Page - Dialog Semiconductor DA9021 Datasheet HTML 51Page - Dialog Semiconductor DA9021 Datasheet HTML 52Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 142 page
background image
DA9021/22
System PMIC with high efficiency USB power manager
Datasheet
Revision 2.5
17-Feb-2017
CFR0011-120-00 Rev 5
48 of 142
© 2017 Dialog Semiconductor
11.9 Power domain status (PWR_UP/GP_FB2)
The power domain status indicators are active high and assigned after the sequencer has processed
all IDs of a power domain (all assigned supplies are up). When domains are disabled during power
mode transitions the status indicator is released before the DA9021/22 sequencer processes the last
step of a domain.
PWR_UP is one mode of the general purpose indicator GP_FB2 that can also be used as a
configurable feedback signal that is level/time controlled from the power sequencer.
11.10 Supply rail fault (nVDD_FAULT)
nVDD_FAULT is an active low output signal to the host processor to indicate a VDDOUT low status.
The assertion of nVDD_FAULT indicates that the main battery and the supply input voltage is low
and therefore informs the host processor that the power will shut down very soon. After that the
processor may operate for a limited time from the backup battery, which can provide power to the
processor for a few cycles. In the event of nVDD_FAULT assertion the processor may be
programmed to enter an emergency mode, for example external memory data refresh is no longer
performed.
11.11 Interrupt request (nIRQ)
The nIRQ is an active low output signal which indicates that an interrupt causing event has occurred
and that the event and status information is available in the related registers. Such information can
be temperature and voltage of the PMIC, fault conditions, charging status, status changes at GPI
ports, and others. The event registers hold information about the events that have occurred. Events
are triggered by a status change at the monitored signals. When an event bit is set the nIRQ signal is
asserted (unless this interrupt is masked by a bit in the IRQ mask register). The nIRQ will not be
released until the event registers have been cleared.
11.12 Real time clock output (OUT_32K)
The OUT_32K is an output signal that generates a buffered signal of the DA9021/22 32 kHz
oscillator. The 32 kHz oscillator will always run on the DA9021/22 following the initial start-up from
NO-POWER mode until the device has reached NO-POWER mode again. The signal output buffer
can be disabled during POWERDOWN mode with bit OUT_32K_PD.
11.13 IO_supply voltage (VDD_IO)
VDD_IO is an independent IO supply rail input of DA9021/22 that can be assigned to the power
manager interface, power manager IOs and GPIOs. The rail assignment determines the IO voltage
levels and logic. The selection of the supply rail for GPIOs is also partially used for their alternate
functions. GPOs configured in open drain mode have to use the VDD_IO rail if an internal pull-up
resistor is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com