Electronic Components Datasheet Search
  English  ▼

X  

DA9021 Datasheet(PDF) 89 Page - Dialog Semiconductor

Part # DA9021
Description  System PMIC with high efficiency USB power manager
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9021 Datasheet(HTML) 89 Page - Dialog Semiconductor

Back Button DA9021 Datasheet HTML 85Page - Dialog Semiconductor DA9021 Datasheet HTML 86Page - Dialog Semiconductor DA9021 Datasheet HTML 87Page - Dialog Semiconductor DA9021 Datasheet HTML 88Page - Dialog Semiconductor DA9021 Datasheet HTML 89Page - Dialog Semiconductor DA9021 Datasheet HTML 90Page - Dialog Semiconductor DA9021 Datasheet HTML 91Page - Dialog Semiconductor DA9021 Datasheet HTML 92Page - Dialog Semiconductor DA9021 Datasheet HTML 93Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 142 page
background image
DA9021/22
System PMIC with high efficiency USB power manager
Datasheet
Revision 2.5
17-Feb-2017
CFR0011-120-00 Rev 5
89 of 142
© 2017 Dialog Semiconductor
The operating mode of the buck converter is selected via the buck control register bits. The buck
converter can be forced to operate in either SYNCHRONOUS mode or SLEEP mode. Additionally
the buck converter has an AUTOMATIC mode where it will switch between SYNCHRONOUS and
SLEEP mode depending on the load current.
In SLEEP mode the buck converter works in PFM mode. An internal zero crossing comparator is
used to time the turn-off of the NFET, thereby removing the need for an external Schottky diode.
All buck converters can be controlled via an ID from the power manager sequencer. If enabled at
sequencer step 0 (bit DEF_SUPPLY) buck converters can be default enabled via OTP whenever the
sequencer passes step 0 (OTP default settings are used). To limit the battery rush current it is
recommended that not more than a single supply (including LDOs) is enabled at step 0 During
powering down supplies can be pre-configured with a new target value (Bxxx_CONF bit is set).
If Bxxx_CONF is asserted in parallel with BUCKx_EN, the supply enable is deferred until the
sequencer is processing the related ID. The output voltage and enable state will be kept unchanged
until the sequencer processes the related time slot/ID during powering down (ignoring any assertions
of VB_xxx_GO while Bxxx_CONF is high). When powering up from POWERDOWN mode
(processing time slots in domain SYSTEM) the sequencer will configure bucks with their default
voltage values from OTP and by that reset the BUCKxxx_CONF bits. The bucks can also be
enabled/disabled/configured via the power manager and HS-2-wire interface when the DA9021/22 is
in the ACTIVE state.
Voltage transitions on bucks including DVC will always be ramped. Disabled bucks BUCKCORE,
BUCKPRO and BUCKMEM can switch off their pull down resistor (required for usage in parallel to an
alternative supply).
NOTE
Powering down to RESET mode will automatically disable all buck converters.
The converter BUCKCORE can additionally be merged with BUCKPRO towards a single DC-DC
converter with a maximum output current of 1.4 A. The routing of the switcher output pins towards
the common inductor has to be symmetrical and the feedback signal VBUCKPRO should be
connected to GND (if PRO_PD_DIS is asserted BUCKCOREORE can alternatively be connected to
VBUCKCORE). The inductor and the output capacitor have to be selected according to the intended
increased output current.
NOTE
The configuration controls of BUCKPRO are automatically disabled by asserting the bit BUCK_MERGE and the
selected current limits of BUCKCORE will be automatically doubled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com