Electronic Components Datasheet Search
  English  ▼

X  

DA9021 Datasheet(PDF) 57 Page - Dialog Semiconductor

Part # DA9021
Description  System PMIC with high efficiency USB power manager
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9021 Datasheet(HTML) 57 Page - Dialog Semiconductor

Back Button DA9021 Datasheet HTML 53Page - Dialog Semiconductor DA9021 Datasheet HTML 54Page - Dialog Semiconductor DA9021 Datasheet HTML 55Page - Dialog Semiconductor DA9021 Datasheet HTML 56Page - Dialog Semiconductor DA9021 Datasheet HTML 57Page - Dialog Semiconductor DA9021 Datasheet HTML 58Page - Dialog Semiconductor DA9021 Datasheet HTML 59Page - Dialog Semiconductor DA9021 Datasheet HTML 60Page - Dialog Semiconductor DA9021 Datasheet HTML 61Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 142 page
background image
DA9021/22
System PMIC with high efficiency USB power manager
Datasheet
Revision 2.5
17-Feb-2017
CFR0011-120-00 Rev 5
57 of 142
© 2017 Dialog Semiconductor
VDD_REF, VBUS, ACC_ID_DET and VDDOUT comparators. Except LDO1, if correctly configured,
other supplies and blocks on DA9021/22 are automatically disabled to avoid draining the battery.
During DA9021/22 RESET mode the host processor can be held in a RESET state via port nRESET
which is always asserted to low when DA9021/22 progresses from RESET mode (for example after
cold start from NO-POWER mode) and can be asserted (depending on configuration of sequencer
step 0) when the sequencer has finished powering down domain SYSTEM (even partially).
Except E_B_FAULT and E_ALARM, all asserted events will automatically be cleared and the
DA9021/22 register configuration will be re-loaded from OTP when leaving RESET mode (with the
exception of AUTO_BOOT in case of emergency charging).
NOTE
FAULT_LOG and other non OTP loaded registers, for example the RTC calendar and alarm, will not be changed
when leaving RESET mode.
Some RESET conditions such as the SHUTDOWN via register bit, will automatically expire over-
temperature. Other conditions like asserting the port nSHUTDOWN need to be released to enable a
progress from RESET to POWERDOWN mode. If the RESET was initiated by a hardware reset from
user keys or port nSHUTDOWN a 500 ms time out will be inserted before trying to power up again.
When the RESET condition has disappeared DA9021/22 requires either a connected good main
battery (VDDOUT > VDD_FAULT_UPPER) or a detected supply (VBUS > VCH_THR) that is able to
provide enough power to VDDOUT (VDDOUT > VDDOUT_MIN) to start-up to POWERDOWN mode.
13.4 NO-POWER mode
DA9021/22 will enter the NO-POWER mode when VDDCORE drops below VPOR_LOWER (for
example during continued discharge of main battery). As long as VDDCORE is now lower than
VPOR_UPPER the core supply LDOCORE, the 32 kHz oscillator and the BCD counter are switched
off, an internal power-on-reset (nPOR) is asserted and only the VDDCORE comparator is active and
checks for a condition that allows DA9021/22 to turn on again. When DA9021/22 detects either a
good main battery or a connected supply charger which rises VDDCORE > VPOR_UPPER it will
reset the BCD counter and FAULT_LOG register and progress to RESET mode.
13.5 POWER COMMANDER mode
This is a special mode for evaluation and configuration. In POWER COMMANDER mode DA9021/22
is configured to load the control register default values from the HS 2-wire interface instead of from
the OTP cells so that un-programmed DA9021 samples will power up and allow a PC running the
Power Commander software to load all the configuration registers. POWER COMMANDER mode is
enabled by connecting TP to VDDCORE.
In RESET-mode DA9021/22 will do an initial OTP read to setup the trim values. However, if the OTP
values loaded into these registers are not as required they can be updated during the subsequent
POWER COMMANDER mode programming sequences.
NOTE
In POWER COMMANDER mode GPI14/15 will be configured for HS-2-wire interface operation (with VDDCORE
as the supply) and GPO13 will be configured as an output for nVDD_FAULT. Any register writes or OTP loads
which can change this configuration are ignored until DA9021/22 has exited from POWER COMMANDER mode.
After the initial OTP read has completed, DA9021/22 informs the system that it is waiting for a
programming sequence by driving nVDD_FAULT low. The software running on the PC monitors
nVDD_FAULT and responds by downloading the values into the configuration registers within
DA9021/22. nVDD_FAULT is automatically released after the release register is loaded.
There are two programming sequences performed in POWER COMMANDER mode. The first takes
place between RESET and POWERDOWN mode and the second takes place between
POWERDOWN and SYSTEM mode. Two release registers are used support these two programming
sequences:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com