Electronic Components Datasheet Search
  English  ▼

X  

DA9021 Datasheet(PDF) 22 Page - Dialog Semiconductor

Part # DA9021
Description  System PMIC with high efficiency USB power manager
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9021 Datasheet(HTML) 22 Page - Dialog Semiconductor

Back Button DA9021 Datasheet HTML 18Page - Dialog Semiconductor DA9021 Datasheet HTML 19Page - Dialog Semiconductor DA9021 Datasheet HTML 20Page - Dialog Semiconductor DA9021 Datasheet HTML 21Page - Dialog Semiconductor DA9021 Datasheet HTML 22Page - Dialog Semiconductor DA9021 Datasheet HTML 23Page - Dialog Semiconductor DA9021 Datasheet HTML 24Page - Dialog Semiconductor DA9021 Datasheet HTML 25Page - Dialog Semiconductor DA9021 Datasheet HTML 26Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 142 page
background image
DA9021/22
System PMIC with high efficiency USB power manager
Datasheet
Revision 2.5
17-Feb-2017
CFR0011-120-00 Rev 5
22 of 142
© 2017 Dialog Semiconductor
8
Electrical characteristics
8.1
Digital I/O characteristics
Table 8: Digital I/O (VDD_REF > 2.8 V)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
GPI0
– GPI15, nONKEY,
nSHUTDOWN SYS_EN,
PWR_EN, PWR1_EN,
CLK, DATA, Input High
Voltage
VIH
VDDCORE mode
VDD_IO mode
1.0
0.7*VDD_IO
VDDOUT
V
GPI0
– GPI15, nONKEY,
nSHUTDOWN SYS_EN,
PWR_EN, PWR1_EN
CLK, DATA, Input Low
Voltage
VIL
VDDCORE mode
VDD_IO mode
0.4
0.3*VDD_IO
V
SK, nCS, SI Input High
Voltage
VIL
VDDCORE mode
VDD_IO mode
0.7*VDDCORE
0.7*VDD_IO
VDDOUT
V
SK, nCS, SI Input Low
Voltage
VIH
VDDCORE mode
VDD_IO mode
-0.3
0.3*VDD_IO
V
GPO0
– GPO15,
nVDD_FAULT, SO
nRESET, nIRQ, PWR_UP,
GP_FB2, OUT_32K,
Output High Voltage
VIH
VDD_IO mode
0.8*VDD_IO
GPO0
– GPO15,DATA,
SO, nRESET, nIRQ, (open
drain mode) Output High
Voltage
VIL
VDD_IO mode
V
GPO0
– GPO15,DATA,
SO, nVDD_FAULT,
nRESET nIRQ, PWR_UP,
GP_FB2, OUT_32K
Output Low Voltage
VOH
@1 mA
0
Open
drain
VDDOUT
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com