Electronic Components Datasheet Search
  English  ▼

X  

DA9021 Datasheet(PDF) 55 Page - Dialog Semiconductor

Part # DA9021
Description  System PMIC with high efficiency USB power manager
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9021 Datasheet(HTML) 55 Page - Dialog Semiconductor

Back Button DA9021 Datasheet HTML 51Page - Dialog Semiconductor DA9021 Datasheet HTML 52Page - Dialog Semiconductor DA9021 Datasheet HTML 53Page - Dialog Semiconductor DA9021 Datasheet HTML 54Page - Dialog Semiconductor DA9021 Datasheet HTML 55Page - Dialog Semiconductor DA9021 Datasheet HTML 56Page - Dialog Semiconductor DA9021 Datasheet HTML 57Page - Dialog Semiconductor DA9021 Datasheet HTML 58Page - Dialog Semiconductor DA9021 Datasheet HTML 59Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 142 page
background image
DA9021/22
System PMIC with high efficiency USB power manager
Datasheet
Revision 2.5
17-Feb-2017
CFR0011-120-00 Rev 5
55 of 142
© 2017 Dialog Semiconductor
12.3.2
Alternative high speed 2-wire interface
The high speed 2-wire (HS-2-wire) interface is the alternative serial control bus, which consists of a
DATA (data line) and a CLK (clock line) that can be used as an independent control interface for data
transactions between DA9021/22 and a second host processor. The DA9021/22 HS-2-wire interface
has a configurable 8-bit SLAVE write address (default: 0x92) and a configurable SLAVE read
address (default: 0x93).
The interface is enabled if DATA was selected via configuration GPIO14_PIN. The bus lines have to
be pulled HIGH by external pull-up resistors (2 k
Ω to 20 kΩ range). GPIO15_TYPE defines the
supply rail of the interface (used for input logic levels and the internal pull-up resistors). The controls
GPIO15_PIN and GPIO15_ MODE are disabled when the interface was enabled via GPIO14_PIN.
Whenever the interface receives a READ or WRITE command that includes a matching slave
address it is able to trigger the assertion of an nIRQ including an optional wakeup event (enabled via
GPIO14_ MODE).
NOTE
If the nIRQ assertion from interface access is enabled it may by masked as long as the HS-2-wire is in use (this
nIRQ cannot be cleared via the HS-2_wire interface because every interface access will trigger a re-assertion).
With the exception of the interface base address and the optional wakeup, the characteristics of the
HS-2-wire interface are identical to the power manager 2-wire interface (see above).
NOTE
By connecting TP to VDDCORE the DA9021/22 (POWER COMMANDER mode) will load the register default
values via the HS 2-wire interface instead of from OTP cells. In this mode the interface will be supplied from
VDDCORE (independent to the settings at GPIO15_TYPE).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com