Electronic Components Datasheet Search
  English  ▼

X  

DA9021 Datasheet(PDF) 102 Page - Dialog Semiconductor

Part # DA9021
Description  System PMIC with high efficiency USB power manager
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9021 Datasheet(HTML) 102 Page - Dialog Semiconductor

Back Button DA9021 Datasheet HTML 98Page - Dialog Semiconductor DA9021 Datasheet HTML 99Page - Dialog Semiconductor DA9021 Datasheet HTML 100Page - Dialog Semiconductor DA9021 Datasheet HTML 101Page - Dialog Semiconductor DA9021 Datasheet HTML 102Page - Dialog Semiconductor DA9021 Datasheet HTML 103Page - Dialog Semiconductor DA9021 Datasheet HTML 104Page - Dialog Semiconductor DA9021 Datasheet HTML 105Page - Dialog Semiconductor DA9021 Datasheet HTML 106Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 142 page
background image
DA9021/22
System PMIC with high efficiency USB power manager
Datasheet
Revision 2.5
17-Feb-2017
CFR0011-120-00 Rev 5
102 of 142
© 2017 Dialog Semiconductor
Register
address
Bit
Type
Label
Default
Description
the voltage is ramping, write access is
blocked to LDO3 register. VLDO3_GO is
cleared when the target voltage is reached
(ignored if LDO3_CONF was asserted)
5
R/W
0
RESERVED
6
R/W
0
RESERVED
7
R/W
V_LOCK
0
0: Allows writing new values into buck and
LDO voltage registers
1: Disables voltage re-programming from the
host (enable/disable, DVC ramping, power
sequencing including deferred update still
possible)
Table 96: PULLDOWN
Register
address
Bit
Type
Label
Default
Description
R61
PULLDOWN
0
R/W
CORE_PD
_DIS
0
0: Enable pull down resistor
1: No pull down resistor in disabled mode
1
R/W
PRO_PD_
DIS
0
0: Enable pull down resistor
1: No pull down resistor in disabled mode
2
R/W
MEM_PD_
DIS
0
0: Enable pull down resistor
1: No pull down resistor in disabled mode
3
R/W
LDO1_PD
_DIS
0
0: Enable pull down resistor
1: No pull down resistor in disabled mode
7:4
R/W
0000
RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com